Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F217ZG Datasheet(PDF) 167 Page - STMicroelectronics

Part # STM32F217ZG
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F217ZG Datasheet(HTML) 167 Page - STMicroelectronics

Back Button STM32F217ZG Datasheet HTML 163Page - STMicroelectronics STM32F217ZG Datasheet HTML 164Page - STMicroelectronics STM32F217ZG Datasheet HTML 165Page - STMicroelectronics STM32F217ZG Datasheet HTML 166Page - STMicroelectronics STM32F217ZG Datasheet HTML 167Page - STMicroelectronics STM32F217ZG Datasheet HTML 168Page - STMicroelectronics STM32F217ZG Datasheet HTML 169Page - STMicroelectronics STM32F217ZG Datasheet HTML 170Page - STMicroelectronics STM32F217ZG Datasheet HTML 171Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 175 page
background image
DocID17050 Rev 9
167/175
STM32F21xxx
Revision history
174
14-Jun-2011
5
Added SDIO in Table 2: STM32F215xx and STM32F217xx: features
and peripheral counts.
Updated VIN for 5V tolerant pins in Table 10: Voltage characteristics.
Updated jitter parameters description in Table 33: Main PLL
characteristics.
Remove jitter values for system clock in Table 34: PLLI2S (audio PLL)
characteristics.
Updated Table 41: EMI characteristics.
Update Note 2 in Table 51: I2C characteristics.
Updated Avg_Slope typical value and TS_temp minimum value in
Table 68: TS characteristics.
Updated TS_vbat minimum value in Table 69: VBAT monitoring
characteristics.
Updated TS_vrefint minimum value in Table 70: Embedded internal
reference voltage.
Added Software option in Section 8: Part numbering.
In Table 93: Main applications versus package for STM32F2xxx
microcontrollers, renamed USB1 and USB2, USB OTG FS and USB
OTG HS, respectively; and removed USB OTG FS and camera
interface for 64-pin package; added USB OTG HS on 64-pin package;
and added Note 1 and Note 2.
Updated disclaimer on cover page.
Table 93. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com