Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F217VE Datasheet(PDF) 164 Page - STMicroelectronics

Part # STM32F217VE
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F217VE Datasheet(HTML) 164 Page - STMicroelectronics

Back Button STM32F217VE Datasheet HTML 160Page - STMicroelectronics STM32F217VE Datasheet HTML 161Page - STMicroelectronics STM32F217VE Datasheet HTML 162Page - STMicroelectronics STM32F217VE Datasheet HTML 163Page - STMicroelectronics STM32F217VE Datasheet HTML 164Page - STMicroelectronics STM32F217VE Datasheet HTML 165Page - STMicroelectronics STM32F217VE Datasheet HTML 166Page - STMicroelectronics STM32F217VE Datasheet HTML 167Page - STMicroelectronics STM32F217VE Datasheet HTML 168Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 175 page
background image
Revision history
STM32F21xxx
164/175
DocID17050 Rev 9
22-Apr-2011
4
Changed datasheet status to “Full Datasheet”.
APB1 frequency changed form 36 MHz to 30 MHz.
Introduced concept of SRAM1 and SRAM2.
LQFP176 now in production.
Removed WLCSP64+2 package.
Updated Figure 3: Compatible board design between STM32F10xx
and STM32F2xx for LQFP144 package and Figure 2: Compatible
board design between STM32F10xx and STM32F2xx for LQFP100
package.
Added camera interface for STM32F217Vx devices in Table 2:
STM32F215xx and STM32F217xx: features and peripheral counts.
Removed 16 MHz internal RC oscillator accuracy in Section 3.12:
Clocks and startup.
Updated Section 3.16: Voltage regulator.
Modified I2
S sampling frequency range in Section 3.12: Clocks and
startup, Section 3.24: Inter-integrated sound (I2S), and Section 3.30:
Audio PLL (PLLI2S).
Updated Section 3.17: Real-time clock (RTC), backup SRAM and
backup registers and description of TIM2 and TIM5 in Section 3.20.2:
General-purpose timers (TIMx).
Modified maximum baud rate (oversampling by 16) for USART1 in
Table 5: USART feature comparison.
Updated note related to RFU pin below Figure 10: STM32F21x
LQFP100 pinout, Figure 11: STM32F21x LQFP144 pinout, Figure 12:
STM32F21x LQFP176 pinout, Figure 13: STM32F21x UFBGA176
ballout, and Table 7: STM32F21x pin and ball definitions.
Added RTC_50Hz as PB15 alternate function, and TT (3.6 V tolerant
I/O) in Table 7: STM32F21x pin and ball definitions and Table 9:
Alternate function mapping.
PA15 added in Table 7: STM32F21x pin and ball definitions.
In Table 7: STM32F21x pin and ball definitions, changed I2S2_CK and
I2S3_CK to I2S2_SCK and I2S3_SCK, respectively.
Removed ETH _RMII_TX_CLK for PC3/AF11 in Table 9: Alternate
function mapping.
Updated Table 10: Voltage characteristics and Table 11: Current
characteristics.
TSTG updated to –65 to +150 in Table 12: Thermal characteristics.
Added CEXT and ESR in Table 13: General operating conditions as
well as Section 6.3.2: VCAP1/VCAP2 external capacitor.
Modified Note 3 in Table 14: Limitations depending on the operating
power supply range.
Updated Table 16: Operating conditions at power-up / power-down
(regulator ON), and Table 17: Operating conditions at power-up /
power-down (regulator OFF).
Updated notes below and added OSC_OUT pin in Figure 15: Pin
loading conditions. and Figure 16: Pin input voltage.
Updated VPVD, VBOR1, VBOR2, VBOR3, TRSTTEMPO typical value, and
IRUSH, added ERUSH and Note 2 in Table 18: Embedded reset and
power control block characteristics.
Table 93. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com