Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F4680ISOSQTP Datasheet(PDF) 169 Page - Microchip Technology

Part # PIC18F4680ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4680ISOSQTP Datasheet(HTML) 169 Page - Microchip Technology

Back Button PIC18F4680ISOSQTP Datasheet HTML 165Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 166Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 167Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 168Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 169Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 170Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 171Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 172Page - Microchip Technology PIC18F4680ISOSQTP Datasheet HTML 173Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 482 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39625C-page 167
PIC18F2585/2680/4585/4680
15.3
Compare Mode
In Compare mode, the 16-bit CCPR1 register value is
constantly compared against either the TMR1 or TMR3
register pair value. When a match occurs, the CCP1
pin can be:
• driven high
• driven low
• toggled (high-to-low or low-to-high)
• remain unchanged (that is, reflects the state of the
I/O latch)
The action on the pin is based on the value of the mode
select bits (ECCP1M3:ECCP1M0). At the same time,
the interrupt flag bit ECCP1IF is set.
15.3.1
CCP1 PIN CONFIGURATION
The user must configure the CCP1 (ECCP1) pin as an
output by clearing the appropriate TRIS bit.
15.3.2
TIMER1/TIMER3 MODE SELECTION
Timer1 and/or Timer3 must be running in Timer mode
or Synchronized Counter mode if the CCP1 module is
using the compare feature. In Asynchronous Counter
mode, the compare operation may not work.
15.3.3
SOFTWARE INTERRUPT MODE
When the Generate Software Interrupt mode is chosen
(CCP1M3:CCP1M0 = 1010), the CCP1 pin is not
affected. Only a CCP1 interrupt is generated, if enabled
and the CCP1IE bit is set.
15.3.4
SPECIAL EVENT TRIGGER
Both CCP1 modules are equipped with a special event
trigger. This is an internal hardware signal generated in
Compare mode to trigger actions by other modules.
The special event trigger is enabled by selecting
the Compare
Special
Event
Trigger
mode
(CCP1M3:CCP1M0 = 1011).
For either CCP1 module, the special event trigger
resets the timer register pair for whichever timer
resource is currently assigned as the module’s time
base. This allows the CCPR1 (ECCPR1) registers to
serve as a programmable period register for either
timer.
FIGURE 15-2:
COMPARE MODE OPERATION BLOCK DIAGRAM
Note:
Clearing the CCP1CON register will force
the RC2 compare output latch (depending
on device configuration) to the default low
level. This is not the PORTC I/O data
latch.
CCPR1H
CCPR1L
TMR1H
TMR1L
Comparator
Q
S
R
Output
Logic
Special Event Trigger
Set CCP1IF
CCP1 pin
TRIS
CCP1CON<3:0>
Output Enable
TMR3H
TMR3L
ECCPR1H
ECCPR1L
Comparator
1
0
T3ECCP1
T3CCP1
Set CCP1IF
1
0
Compare
4
(Timer1 Reset)
Q
S
R
Output
Logic
Special Event Trigger
ECCP1 pin
TRIS
ECCP1CON<3:0>
Output Enable
4
(Timer1/Timer3 Reset, A/D Trigger)
Match
Compare
Match



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com