Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F4680ESOSQTP Datasheet(PDF) 331 Page - Microchip Technology

Part # PIC18F4680ESOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4680ESOSQTP Datasheet(HTML) 331 Page - Microchip Technology

Back Button PIC18F4680ESOSQTP Datasheet HTML 327Page - Microchip Technology PIC18F4680ESOSQTP Datasheet HTML 328Page - Microchip Technology PIC18F4680ESOSQTP Datasheet HTML 329Page - Microchip Technology PIC18F4680ESOSQTP Datasheet HTML 330Page - Microchip Technology PIC18F4680ESOSQTP Datasheet HTML 331Page - Microchip Technology PIC18F4680ESOSQTP Datasheet HTML 332Page - Microchip Technology PIC18F4680ESOSQTP Datasheet HTML 333Page - Microchip Technology PIC18F4680ESOSQTP Datasheet HTML 334Page - Microchip Technology PIC18F4680ESOSQTP Datasheet HTML 335Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 482 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39625C-page 329
PIC18F2585/2680/4585/4680
23.7
Message Reception
23.7.1
RECEIVING A MESSAGE
Of all receive buffers, the MAB is always committed to
receiving the next message from the bus. The MCU
can access one buffer while the other buffer is available
for message reception or holding a previously received
message.
When a message is moved into either of the receive
buffers, the associated RXFUL bit is set. This bit must
be cleared by the MCU when it has completed process-
ing the message in the buffer in order to allow a new
message to be received into the buffer. This bit
provides a positive lockout to ensure that the firmware
has finished with the message before the module
attempts to load a new message into the receive buffer.
If the receive interrupt is enabled, an interrupt will be
generated to indicate that a valid message has been
received.
Once a message is loaded into any matching buffer,
user firmware may determine exactly what filter caused
this reception by checking the filter hit bits in the
RXBnCON
or
BnCON
registers.
In
Mode
0,
FILHIT<3:0> of RXBnCON serve as filter hit bits. In
Mode 1 and 2, FILHIT<4:0> of BnCON serves as filter
hit bits. The same registers also indicate whether the
current message is an RTR frame or not. A received
message is considered a standard identifier message if
the EXID bit in the RXBnSIDL or the BnSIDL register is
cleared. Conversely, a set EXID bit indicates an
extended identifier message. If the received message
is a standard identifier message, user firmware needs
to read the SIDL and SIDH registers. In the case of an
extended identifier message, firmware should read the
SIDL, SIDH, EIDL and EIDH registers. If the RXBnDLC
or BnDLC register contain non-zero data count, user
firmware should also read the corresponding number of
data bytes by accessing the RXBnDm or the BnDm
registers. When a received message is an RTR and if
the current buffer is not configured for automatic RTR
handling, user firmware must take appropriate action
and respond manually.
Each receive buffer contains RXM bits to set special
Receive modes. In Mode 0, RXM<1:0> bits in
RXBnCON define a total of four Receive modes. In
Mode 1 and 2, RXM1 bit, in combination with the EXID
mask and filter bit, define the same four Receive
modes. Normally, these bits are set to ‘00’ to enable
reception of all valid messages as determined by the
appropriate acceptance filters. In this case, the deter-
mination of whether or not to receive standard or
extended messages is determined by the EXIDE bit in
the acceptance filter register. In Mode 0, if the RXM bits
are set to ‘01’ or ‘10’, the receiver will accept only
messages with standard or extended identifiers,
respectively. If an acceptance filter has the EXIDE bit
set such that it does not correspond with the RXM
mode, that acceptance filter is rendered useless. In
Mode 1 and 2, setting EXID in the SIDL Mask register
will ensure that only standard or extended identifiers
are received. These two modes of RXM bits can be
used in systems where it is known that only standard or
extended messages will be on the bus. If the RXM bits
are set to ‘11’ (RXM1 = 1 in Mode 1 and 2), the buffer
will receive all messages regardless of the values of
the acceptance filters. Also, if a message has an error
before the end of frame, that portion of the message
assembled in the MAB before the error frame will be
loaded into the buffer. This mode may serve as a
valuable debugging tool for a given CAN network. It
should not be used in an actual system environment as
the actual system will always have some bus errors
and all nodes on the bus are expected to ignore them.
In Mode 1 and 2, when a programmable buffer is
configured as a transmit buffer and one or more
acceptance filters are associated with it, all incoming
messages matching this acceptance filter criteria will
be discarded. To avoid this scenario, user firmware
must make sure that there are no acceptance filters
associated with a buffer configured as a transmit buffer.
23.7.2
RECEIVE PRIORITY
When in Mode 0, RXB0 is the higher priority buffer and
has two message acceptance filters associated with it.
RXB1 is the lower priority buffer and has four acceptance
filters associated with it. The lower number of acceptance
filters makes the match on RXB0 more restrictive and
implies a higher priority for that buffer. Additionally, the
RXB0CON register can be configured such that if RXB0
contains a valid message and another valid message is
received, an overflow error will not occur and the new
message will be moved into RXB1 regardless of the
acceptance criteria of RXB1. There are also two
programmable acceptance filter masks available, one for
each receive buffer (see Section 23.5 “CAN Message
Buffers”).
In Mode 1 and 2, there are a total of 16 acceptance fil-
ters available and each can be dynamically assigned to
any of the receive buffers. A buffer with a lower number
has higher priority. Given this, if an incoming message
matches with two or more receive buffer acceptance
criteria, the buffer with the lower number will be loaded
with that message.
Note:
The entire contents of the MAB are moved
into the receive buffer once a message is
accepted. This means that regardless of
the
type
of
identifier
(standard
or
extended) and the number of data bytes
received, the entire receive buffer is over-
written with the MAB contents. Therefore,
the contents of all registers in the buffer
must be assumed to have been modified
when any message is received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com