Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2680ISPSQTP Datasheet(PDF) 250 Page - Microchip Technology

Part # PIC18F2680ISPSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2680ISPSQTP Datasheet(HTML) 250 Page - Microchip Technology

Back Button PIC18F2680ISPSQTP Datasheet HTML 246Page - Microchip Technology PIC18F2680ISPSQTP Datasheet HTML 247Page - Microchip Technology PIC18F2680ISPSQTP Datasheet HTML 248Page - Microchip Technology PIC18F2680ISPSQTP Datasheet HTML 249Page - Microchip Technology PIC18F2680ISPSQTP Datasheet HTML 250Page - Microchip Technology PIC18F2680ISPSQTP Datasheet HTML 251Page - Microchip Technology PIC18F2680ISPSQTP Datasheet HTML 252Page - Microchip Technology PIC18F2680ISPSQTP Datasheet HTML 253Page - Microchip Technology PIC18F2680ISPSQTP Datasheet HTML 254Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 482 page
background image
PIC18F2585/2680/4585/4680
DS39625C-page 248
Preliminary
© 2007 Microchip Technology Inc.
REGISTER 19-2:
ADCON1: A/D CONTROL REGISTER 1
U-0
U-0
R/W-0
R/W-0
R/W-0(1)
R/W-q(1)
R/W-q(1)
R/W-q(1)
—
—
VCFG1
VCFG0
PCFG3
PCFG2
PCFG1
PCFG0
bit 7
bit 0
bit 7-6
Unimplemented: Read as ‘0’
bit 5
VCFG1: Voltage Reference Configuration bit (VREF- source)
1
= VREF- (AN2)
0
= AVSS
bit 4
VCFG0: Voltage Reference Configuration bit (VREF+ source)
1
= VREF+ (AN3)
0
= AVDD
bit 3-0
PCFG3:PCFG0: A/D Port Configuration Control bits
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
A = Analog input
D = Digital I/O
Note 1: The POR value of the PCFG bits depends on the value of the PBADEN bit in
Configuration Register 3H. When PBADEN = 1, PCFG<3:0> = 0000;
when PBADEN = 0, PCFG<3:0> = 0111.
2: AN5 through AN7 are available only in PIC18F4X8X devices.
PCFG3:
PCFG0
0000(1)
A
AAAA
AA
A
A
A
A
0001
A
AAAA
AA
A
A
A
A
0010
A
AAAA
AA
A
A
A
A
0011
A
AAAA
AA
A
A
A
A
0100
A
AAAA
AA
A
A
A
A
0101
D
AAAA
AA
A
A
A
A
0110
D
D
AAA
AA
A
A
A
A
0111(1)
DD
D
A
A
A
A
A
A
A
A
1000
D
DDD
A
A
A
A
A
A
A
1001
D
DDD
D
A
A
A
A
A
A
1010
D
DDD
DD
A
A
A
A
A
1011
D
DDD
DDD
A
A
A
A
1100
D
DDD
DDD
D
A
A
A
1101
D
DDD
DDD
D
D
A
A
1110
D
DDD
DDD
D
D
D
A
1111
D
DDD
DDD
D
D
D
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com