Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2680ISPSQTP Datasheet(PDF) 260 Page - Microchip Technology

Part # PIC18F2680ISPSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2680ISPSQTP Datasheet(HTML) 260 Page - Microchip Technology

Back Button PIC18F2680ISPSQTP Datasheet HTML 256Page - Microchip Technology PIC18F2680ISPSQTP Datasheet HTML 257Page - Microchip Technology PIC18F2680ISPSQTP Datasheet HTML 258Page - Microchip Technology PIC18F2680ISPSQTP Datasheet HTML 259Page - Microchip Technology PIC18F2680ISPSQTP Datasheet HTML 260Page - Microchip Technology PIC18F2680ISPSQTP Datasheet HTML 261Page - Microchip Technology PIC18F2680ISPSQTP Datasheet HTML 262Page - Microchip Technology PIC18F2680ISPSQTP Datasheet HTML 263Page - Microchip Technology PIC18F2680ISPSQTP Datasheet HTML 264Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 482 page
background image
PIC18F2585/2680/4585/4680
DS39625C-page 258
Preliminary
© 2007 Microchip Technology Inc.
20.1
Comparator Configuration
There are eight modes of operation for the compara-
tors, shown in Figure 20-1. Bits CM2:CM0 of the
CMCON register are used to select these modes. The
TRISA register controls the data direction of the com-
parator pins for each mode. If the Comparator mode is
changed, the comparator output level may not be valid
for the specified mode change delay shown in
Section 27.0 “Electrical Characteristics”.
FIGURE 20-1:
COMPARATOR I/O OPERATING MODES
Note:
Comparator interrupts should be disabled
during
a
Comparator
mode
change;
otherwise, a false interrupt may occur.
C1
VIN-
VIN+
Off
Comparators Reset (POR Default Value)
A
A
CM2:CM0 = 000
C2
VIN-
VIN+
Off
A
A
C1
VIN-
VIN+
C1OUT
Two Independent Comparators
A
A
CM2:CM0 = 010
C2
VIN-
VIN+
C2OUT
A
A
C1
VIN-
VIN+
C1OUT
Two Common Reference Comparators
A
A
CM2:CM0 = 100
C2
VIN-
VIN+
C2OUT
A
D
C2
VIN-
VIN+
Off
One Independent Comparator with Output
D
D
CM2:CM0 = 001
C1
VIN-
VIN+
C1OUT
A
A
C1
VIN-
VIN+
Off
Comparators Off
D
D
CM2:CM0 = 111
C2
VIN-
VIN+
Off
D
D
C1
VIN-
VIN+
C1OUT
Four Inputs Multiplexed to Two Comparators
A
A
CM2:CM0 = 110
C2
VIN-
VIN+
C2OUT
A
A
From VREF Module
CIS = 0
CIS = 1
CIS = 0
CIS = 1
C1
VIN-
VIN+
C1OUT
Two Common Reference Comparators with Outputs
A
A
CM2:CM0 = 101
C2
VIN-
VIN+
C2OUT
A
D
A = Analog Input, port reads zeros always
D = Digital Input
CIS (CMCON<3>) is the Comparator Input Switch
CVREF
C1
VIN-
VIN+
C1OUT
Two Independent Comparators with Outputs
A
A
CM2:CM0 = 011
C2
VIN-
VIN+
C2OUT
A
A
* Setting the TRISA<5:4> bits will disable the comparator outputs by configuring the pins as inputs.
(Read as ‘0’)
(Read as ‘0’)
(Read as ‘0’)
(Read as ‘0’)
(Read as ‘0’)
RD1/PSP1/C1IN-
RD0/PSP0/C1IN+
RD3/PSP3/C2IN-
RD2/PSP2/C2IN+
RD1/PSP1/C1IN-
RD0/PSP0/C1IN+
RD3/PSP3/C2IN-
RD2/PSP2/C2IN+
RD1/PSP1/C1IN-
RD0/PSP0/C1IN+
RD3/PSP3/C2IN-
RD2/PSP2/C2IN+
RD1/PSP1/C1IN-
RD0/PSP0/C1IN+
RD3/PSP3/C2IN-
RD2/PSP2/C2IN+
RD1/PSP1/C1IN-
RD0/PSP0/C1IN+
RD3/PSP3/C2IN-
RD2/PSP2/C2IN+
RD1/PSP1/C1IN-
RD0/PSP0/C1IN+
RD3/PSP3/C2IN-
RD2/PSP2/C2IN+
RD1/PSP1/
RD0/PSP0/
RD3/PSP3/
RD2/PSP2/
C2IN-
C2IN+
C1IN+
C1IN-
RE1/WR/AN6/C1OUT*
RE1/WR/AN6/C1OUT*
RE2/CS/AN7/C2OUT*
RD1/PSP1/C1IN-
RD0/PSP0/C1IN+
RD3/PSP3/C2IN-
RD2/PSP2/C2IN+
RE1/WR/AN6/C1OUT*
RE2/CS/AN7/C2OUT*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com