Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP710 Datasheet(PDF) 310 Page - Microchip Technology

Part # DSPIC33FJ64GP710
Description  High-Performance,16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP710 Datasheet(HTML) 310 Page - Microchip Technology

Back Button DSPIC33FJ64GP710 Datasheet HTML 306Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 307Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 308Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 309Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 310Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 311Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 312Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 313Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 314Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 308
© 2009 Microchip Technology Inc.
Section 8.0 “Oscillator Configuration”
Updated the third clock source item (External Clock) in
Section 8.1.1 “System Clock sources”.
Added the center frequency in the OSCTUN register for the FRC
Tuning bits (TUN<5:0>) value 011111 and updated the center
frequency for bits value 011110 (Register 8-4).
Section 15.0 “Serial Peripheral Interface
(SPI)”
Removed redundant information, which is now available in the
related section in the dsPIC33F Family Reference Manual, while
retaining the SPI Module Block Diagram (Figure 15-1).
Section 16.0 “Inter-Integrated Circuit™
(I2C™)”
Removed sections 16.3 through 16.13, while retaining the I2C Block
Diagram (Figure 16-1) (redundant information, which is now
available in the related section in the dsPIC33F Family Reference
Manual).
Section 17.0 “Universal Asynchronous
Receiver Transmitter (UART)”
Removed sections 17.1 through 17.7 (redundant information, which
is now available in the related section in the dsPIC33F Family
Reference Manual).
Section 18.0 “Enhanced CAN (ECAN™)
Module”
Removed sections 18.4 through 18.6 (redundant information, which
is now available in the related section in the dsPIC33F Family
Reference Manual).
Updated Baud Rate Prescaler (BRP<5:0>) bit values in the CiCFG1
register (Register 18-9).
Changed default bit value from ‘0’ to ‘1’ for bits 6 through 15
(FLTEN6-FLTEN15) in the CiFEN1 register (Register 18-11).
Section 19.0 “Data Converter Interface
(DCI) Module”
Removed sections 19.3 through 19.7 (redundant information, which
is now available in the related section in the dsPIC33F Family
Reference Manual).
Section 20.0 “10-Bit/12-Bit
Analog-to-Digital Converter (ADC)”
Removed Equation 20-1 (ADC Conversion Clock Period) and Figure
20-3 (ADC Transfer Function (10-Bit Example).
Updated AN14 and AN15 ADC values in the ADC2 Module Block
Diagram (FIGURE 20-2: “ADC2 Module Block Diagram(1)”).
Added Note 2 to ADC Conversion Clock Period Block Diagram
(Figure 20-3).
Updated ADC Conversion Clock Select bits in the ADxCON3
register from ADCS<5:0> to ADCS<7:0>. Any references to these
bits have also been updated throughout this data sheet
(Register 20-3).
Added Note to ADxCHS0 register (Register 21-6).
Section 21.0 “Special Features”
Updated address 0xF8000E in the Device Configuration Register
Map (Table 21-1).
Added FICD register content (BKBUG, COE, JTAGEN and
ICS<1:0>) to the dsPIC33F Configuration Bits Description and
removed the last two rows (Table 21-2).
Added a Note after the second paragraph in Section 21.2 “On-Chip
Voltage Regulator”.
TABLE A-1:
MAJOR SECTION UPDATES (CONTINUED)
Section Name
Update Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com