Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F242 Datasheet(PDF) 184 Page - Microchip Technology

Part # PIC18F242
Description  High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F242 Datasheet(HTML) 184 Page - Microchip Technology

Back Button PIC18F242 Datasheet HTML 180Page - Microchip Technology PIC18F242 Datasheet HTML 181Page - Microchip Technology PIC18F242 Datasheet HTML 182Page - Microchip Technology PIC18F242 Datasheet HTML 183Page - Microchip Technology PIC18F242 Datasheet HTML 184Page - Microchip Technology PIC18F242 Datasheet HTML 185Page - Microchip Technology PIC18F242 Datasheet HTML 186Page - Microchip Technology PIC18F242 Datasheet HTML 187Page - Microchip Technology PIC18F242 Datasheet HTML 188Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 332 page
background image
PIC18FXX2
DS39564C-page 182
© 2006 Microchip Technology Inc.
REGISTER 17-2:
ADCON1 REGISTER
R/W-0
R/W-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
ADFM
ADCS2
—
—
PCFG3
PCFG2
PCFG1
PCFG0
bit 7
bit 0
bit 7
ADFM: A/D Result Format Select bit
1
= Right justified. Six (6) Most Significant bits of ADRESH are read as ’0’.
0
= Left justified. Six (6) Least Significant bits of ADRESL are read as ’0’.
bit 6
ADCS2: A/D Conversion Clock Select bit (ADCON1 bits in bold)
bit 5-4
Unimplemented: Read as '0'
bit 3-0
PCFG3:PCFG0: A/D Port Configuration Control bits
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown
Note:
On any device RESET, the port pins that are multiplexed with analog functions (ANx) are
forced to be an analog input.
ADCON1
<ADCS2>
ADCON0
<ADCS1:ADCS0>
Clock Conversion
0
00
FOSC/2
0
01
FOSC/8
0
10
FOSC/32
0
11
FRC (clock derived from the internal A/D RC oscillator)
1
00
FOSC/4
1
01
FOSC/16
1
10
FOSC/64
1
11
FRC (clock derived from the internal A/D RC oscillator)
A = Analog input
D = Digital I/O
C/R = # of analog input channels / # of A/D voltage references
PCFG
<3:0>
AN7
AN6
AN5
AN4
AN3
AN2
AN1
AN0
VREF+VREF-C / R
0000
A
A
AA
A
A
AA
VDD
VSS
8 / 0
0001
AA
A
A
VREF+A
A
A
AN3
VSS
7 / 1
0010
DD
D
A
A
A
A
A
VDD
VSS
5 / 0
0011
DD
D
A
VREF+A
A
A
AN3
VSS
4 / 1
0100
DD
D
D
A
D
A
A
VDD
VSS
3 / 0
0101
DD
D
D
VREF+D
A
A
AN3
VSS
2 / 1
011x
DD
D
D
D
D
D
D
—
—
0 / 0
1000
AA
A
A
VREF+VREF-A
A
AN3
AN2
6 / 2
1001
D
D
AA
A
A
AA
VDD
VSS
6 / 0
1010
DD
A
A
VREF+A
A
A
AN3
VSS
5 / 1
1011
DD
A
A
VREF+VREF-A
A
AN3
AN2
4 / 2
1100
DD
D
A
VREF+VREF-A
A
AN3
AN2
3 / 2
1101
DD
D
D
VREF+VREF-A
A
AN3
AN2
2 / 2
1110
DD
D
D
D
D
D
A
VDD
VSS
1 / 0
1111
DD
D
D
VREF+VREF-D
A
AN3
AN2
1 / 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com