Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

64GA106 Datasheet(PDF) 235 Page - Microchip Technology

Part # 64GA106
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA106 Datasheet(HTML) 235 Page - Microchip Technology

Back Button 64GA106 Datasheet HTML 231Page - Microchip Technology 64GA106 Datasheet HTML 232Page - Microchip Technology 64GA106 Datasheet HTML 233Page - Microchip Technology 64GA106 Datasheet HTML 234Page - Microchip Technology 64GA106 Datasheet HTML 235Page - Microchip Technology 64GA106 Datasheet HTML 236Page - Microchip Technology 64GA106 Datasheet HTML 237Page - Microchip Technology 64GA106 Datasheet HTML 238Page - Microchip Technology 64GA106 Datasheet HTML 239Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 330 page
background image
 2010 Microchip Technology Inc.
DS39905E-page 235
PIC24FJ256GA110 FAMILY
22.0
TRIPLE COMPARATOR
MODULE
The triple comparator module provides three dual-input
comparators. The inputs to the comparator can be con-
figured to use any one of four external analog inputs, as
well as a voltage reference input from either the internal
band gap reference divided by two (VBG/2) or the
comparator voltage reference generator.
The comparator outputs may be directly connected to
the CxOUT pins. When the respective COE equals ‘1’,
the I/O pad logic makes the unsynchronized output of
the comparator available on the pin.
A simplified block diagram of the module in shown in
Figure 22-1. Diagrams of the possible individual
comparator configurations are shown in Figure 22-2.
Each comparator has its own control register,
CMxCON (Register 22-1), for enabling and configuring
its operation. The output and event status of all three
comparators are provided in the CMSTAT register
(Register 22-2).
FIGURE 22-1:
TRIPLE COMPARATOR MODULE BLOCK DIAGRAM
Note:
This data sheet summarizes the features of
this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information, refer to the
“PIC24F
Family
Reference
Manual”
,
Section
19.
“Comparator
Module”
(DS39710).
C1
VIN-
VIN+
CXINB
CXINC
CXINA
CXIND
CVREF
VBG/2
C2
VIN-
VIN+
C3
VIN-
VIN+
COE
C1OUT
Pin
CPOL
Trigger/Interrupt
Logic
CEVT
EVPOL<1:0>
COUT
Input
Select
Logic
CCH<1:0>
CREF
COE
C2OUT
Pin
CPOL
Trigger/Interrupt
Logic
CEVT
EVPOL<1:0>
COUT
COE
C3OUT
Pin
CPOL
Trigger/Interrupt
Logic
CEVT
EVPOL<1:0>
COUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com