Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

64GA106 Datasheet(PDF) 289 Page - Microchip Technology

Part # 64GA106
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA106 Datasheet(HTML) 289 Page - Microchip Technology

Back Button 64GA106 Datasheet HTML 285Page - Microchip Technology 64GA106 Datasheet HTML 286Page - Microchip Technology 64GA106 Datasheet HTML 287Page - Microchip Technology 64GA106 Datasheet HTML 288Page - Microchip Technology 64GA106 Datasheet HTML 289Page - Microchip Technology 64GA106 Datasheet HTML 290Page - Microchip Technology 64GA106 Datasheet HTML 291Page - Microchip Technology 64GA106 Datasheet HTML 292Page - Microchip Technology 64GA106 Datasheet HTML 293Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 330 page
background image
 2010 Microchip Technology Inc.
DS39905E-page 289
PIC24FJ256GA110 FAMILY
FIGURE 28-8:
BAUD RATE GENERATOR OUTPUT TIMING
FIGURE 28-9:
START BIT EDGE DETECTION
TABLE 28-22: AC SPECIFICATIONS
Symbol
Characteristics
Min
Typ
Max
Units
TLW
BCLKx High Time
20
TCY/2
—
ns
THW
BCLKx Low Time
20
(TCY * BRGx) + TCY/2
—
ns
TBLD
BCLKx Falling Edge Delay from UxTX
-50
—
50
ns
TBHD
BCLKx Rising Edge Delay from UxTX
TCY/2 – 50
—
TCY/2 + 50
ns
TWAK
Min. Low on UxRX Line to Cause Wake-up
—
1
—
s
TCTS
Min. Low on UxCTS Line to Start
Transmission
TCY
——
ns
TSETUP
Start bit Falling Edge to System Clock Rising
Edge Setup Time
3—
—
ns
TSTDELAY Maximum Delay in the Detection of the
Start bit Falling Edge
——
TCY + TSETUP
ns
BCLKx
UxTX
TBLD
TBHD
BRGx + 1 * TCY TLW
THW
BRGx
Cycle
Clock
UxRX
Any Value
TSTDELAY
TSETUP
TCY
Start bit Detected, BRGx Started



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com