Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO96PDB2V1 Datasheet(PDF) 235 Page - Microsemi Corporation

Part # IO96PDB2V1
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO96PDB2V1 Datasheet(HTML) 235 Page - Microsemi Corporation

Back Button IO96PDB2V1 Datasheet HTML 231Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 232Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 233Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 234Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 235Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 236Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 237Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 238Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 239Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 242 page
background image
ProASIC3L Low Power Flash FPGAs
Revision 13
5-3
Revision 10
continued
3.3 V LVCMOS and 1.2 V LVCMOS wide range were added to applicable tables in the
"Overview of I/O Performance" section and "Detailed I/O DC Characteristics" section.
Values for 1.2 V LVCMOS were added to tables in the "Detailed I/O DC Characteristics"
section. The "3.3 V LVCMOS Wide Range" section and "1.2 V LVCMOS Wide Range"
section, with Minimum and Maximum DC Input and Output Levels tables, are new.
Complete timing data for wide range will be available in a later revision of the datasheet
(SARs 37161, 38188).
2-22,
2-33,
2-50,
2-80
The notes regarding drive strength in the "Summary of I/O Timing Characteristics –
Default I/O Software Settings" section tables were revised for clarification. They now
state that the minimum drive strength for the default software configuration when run in
wide range is ±100 µA. The drive strength displayed in software is supported in normal
range only. For a detailed I/V curve, refer to the IBIS models (SAR 34761).
2-26
Table 2-39 • I/O Weak Pull-Up/Pull-Down Resistances was updated with additional
values and the definitions of RWEAK PULL-UP-MAX and RWEAK PULL-DOWN-MAX were
corrected (SAR 34756).
2-37
The paragraph above Table 2-44 • Duration of Short Circuit Event before Failure was
revised to change the maximum temperature from 110°C to 100°C, with an example of
six months instead of three months. The row for 110°C was removed from the table for
consistency with Table 2-2 • Recommended Operating Conditions 1 (SAR 34744).
2-41
The AC Loading figures in the "Single-Ended I/O Characteristics" section were updated
to match tables in the "Summary of I/O Timing Characteristics – Default I/O Software
Settings" section (SAR 34890).
2-42,
2-26
The following sentence was deleted from the "2.5 V LVCMOS" section (SAR 34797): "It
uses a 5 V–tolerant input buffer and push-pull output buffer."
2-52
The table notes were revised for LVDS Table 2-174 • Minimum and Maximum DC Input
and Output Levels (SAR 34813).
2-100
Values for the maximum frequency for input and output DDR were added to tables in the
"DDR Module Specifications" section (SAR 34805).
2-115
Minimum pulse width High and Low values were added to the tables in the "Global Tree
Timing Characteristics" section. The maximum frequency for global clock parameter
was removed from these tables because a frequency on the global is only an indication
of what the global network can do. There are other limiters such as the SRAM, I/Os, and
PLL. SmartTime software should be used to determine the design frequency (SAR
36965).
2-128
Table 2-212 • ProASIC3L CCC/PLL Specification and Table 2-212 • ProASIC3L
CCC/PLL Specification were updated. A note was added to indicate that when the
CCC/PLL core is generated by Microsemi core generator software, not all delay values
of the specified delay increments are available (SAR 34825).
2-132,
2-133
Figure 2-46 • Write Access after Write onto Same Address, Figure 2-47 • Read Access
after Write onto Same Address, and Figure 2-48 • Write Access after Read onto Same
Address were deleted. Reference was made to a new application note, Simultaneous
Read-Write Operations in Dual-Port SRAM for Flash-Based cSoCs and FPGAs, which
covers these cases in detail (SAR 34873).
The port names in the SRAM "Timing Waveforms", SRAM "Timing Characteristics"
tables, Figure 2-50 • FIFO Reset, and the FIFO "Timing Characteristics" tables were
revised to ensure consistency with the software names (SAR 35751).
2-135,
2-138,
2-144,
2-146
Figure 2-48 • FIFO Read and Figure 2-49 • FIFO Write are new (SAR 34849).
2-143
The "Pin Descriptions and Packaging" chapter is new (SAR 34773).
3-1
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com