Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO96PDB2V1 Datasheet(PDF) 165 Page - Microsemi Corporation

Part # IO96PDB2V1
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO96PDB2V1 Datasheet(HTML) 165 Page - Microsemi Corporation

Back Button IO96PDB2V1 Datasheet HTML 161Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 162Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 163Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 164Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 165Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 166Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 167Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 168Page - Microsemi Corporation IO96PDB2V1 Datasheet HTML 169Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 242 page
background image
ProASIC3L Low Power Flash FPGAs
Revision 13
2-149
JTAG 1532 Characteristics
JTAG timing delays do not include JTAG I/Os. To obtain complete JTAG timing, add I/O buffer delays to
the corresponding standard selected; refer to the I/O timing characteristics in the "User I/O
Characteristics" section on page 2-18 for more details.
Timing Characteristics
Table 2-222 • JTAG 1532 – Applies to 1.5 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Parameter
Description
–1
Std.
Units
tDISU
Test Data Input Setup Time
0.57
0.67
ns
tDIHD
Test Data Input Hold Time
1.13
1.33
ns
tTMSSU
Test Mode Select Setup Time
0.57
0.67
ns
tTMDHD
Test Mode Select Hold Time
1.13
1.33
ns
tTCK2Q
Clock to Q (data out)
5.67
6.67
ns
tRSTB2Q
Reset to Q (data out)
22.67
26.67
ns
FTCKMAX
TCK Maximum Frequency
24.00
21.00
MHz
tTRSTREM
ResetB Removal Time
0.00
0.00
ns
tTRSTREC
ResetB Recovery Time
0.23
0.27
ns
tTRSTMPW
ResetB Minimum Pulse
TBD
TBD
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for
derating values.
Table 2-223 • JTAG 1532 – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V
Parameter
Description
–1
Std.
Units
tDISU
Test Data Input Setup Time
0.75
0.88
ns
tDIHD
Test Data Input Hold Time
1.50
1.76
ns
tTMSSU
Test Mode Select Setup Time
0.75
0.88
ns
tTMDHD
Test Mode Select Hold Time
1.50
1.76
ns
tTCK2Q
Clock to Q (data out)
6.00
7.06
ns
tRSTB2Q
Reset to Q (data out)
25.00
29.41
ns
FTCKMAX
TCK Maximum Frequency
20.00
17.00
MHz
tTRSTREM
ResetB Removal Time
0.45
0.53
ns
tTRSTREC
ResetB Recovery Time
0.00
0.00
ns
tTRSTMPW
ResetB Minimum Pulse
TBD
TBD
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for
derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com