Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F84A Datasheet(PDF) 257 Page - Microchip Technology

Part # PIC16F84A
Description  8-Bit CMOS Microcontrollers
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A Datasheet(HTML) 257 Page - Microchip Technology

Back Button PIC16F84A Datasheet HTML 253Page - Microchip Technology PIC16F84A Datasheet HTML 254Page - Microchip Technology PIC16F84A Datasheet HTML 255Page - Microchip Technology PIC16F84A Datasheet HTML 256Page - Microchip Technology PIC16F84A Datasheet HTML 257Page - Microchip Technology PIC16F84A Datasheet HTML 258Page - Microchip Technology PIC16F84A Datasheet HTML 259Page - Microchip Technology PIC16F84A Datasheet HTML 260Page - Microchip Technology PIC16F84A Datasheet HTML 261Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 337 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS30234D-page 257
PIC16C6X
Applicable Devices 61 62 62A R62 63 R63 64 64A R64 65 65A R65 66 67
FIGURE 22-7: CAPTURE/COMPARE/PWM TIMINGS (CCP1 AND CCP2)
TABLE 22-6:
CAPTURE/COMPARE/PWM REQUIREMENTS (CCP1 AND CCP2)
Param
No.
Sym Characteristic
Min
Typ† Max Units Conditions
50*
TccL CCP1 and CCP2
input low time
No Prescaler
0.5TCY + 20
—
—
ns
With Prescaler
PIC16CR63/R65
10
—
—
ns
PIC16LCR63/R65
20
—
—
ns
51*
TccH CCP1 and CCP2
input high time
No Prescaler
0.5TCY + 20
—
—
ns
With Prescaler
PIC16CR63/R65
10
—
—
ns
PIC16LCR63/R65
20
—
—
ns
52*
TccP CCP1 and CCP2 input period
3TCY + 40
N
—
—
ns
N = prescale value
(1,4, or 16)
53*
TccR CCP1 and CCP2 output rise time
PIC16CR63/R65
—
10
25
ns
PIC16LCR63/R65
—
25
45
ns
54*
TccF CCP1 and CCP2 output fall time
PIC16CR63/R65
—
10
25
ns
PIC16LCR63/R65
—
25
45
ns
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5V, 25˚C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note: Refer to Figure 22-1 for load conditions.
RC1/T1OSI/CCP2
and RC2/CCP1
(Capture Mode)
50
51
52
RC1/T1OSI/CCP2
and RC2/CCP1
53
54
PWM Mode)
(Compare or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com