Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F84A Datasheet(PDF) 303 Page - Microchip Technology

Part # PIC16F84A
Description  8-Bit CMOS Microcontrollers
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A Datasheet(HTML) 303 Page - Microchip Technology

Back Button PIC16F84A Datasheet HTML 299Page - Microchip Technology PIC16F84A Datasheet HTML 300Page - Microchip Technology PIC16F84A Datasheet HTML 301Page - Microchip Technology PIC16F84A Datasheet HTML 302Page - Microchip Technology PIC16F84A Datasheet HTML 303Page - Microchip Technology PIC16F84A Datasheet HTML 304Page - Microchip Technology PIC16F84A Datasheet HTML 305Page - Microchip Technology PIC16F84A Datasheet HTML 306Page - Microchip Technology PIC16F84A Datasheet HTML 307Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 337 page
background image
© 1997 Microchip Technology Inc.
DS30234D-page 303
PIC16C6X
25.13
44-Lead Plastic Surface Mount (TQFP 10x10 mm Body 1.0/0.10 mm Lead Form) (TQ)
Note 1: Dimensions D1 and E1 do not include mold protrusion. Allowable mold protrusion is 0.25m/m (0.010”) per
side. D1 and E1 dimensions including mold mismatch.
2: Dimension “b” does not include Dambar protrusion, allowable Dambar protrusion shall be 0.08m/m
(0.003”)max.
3: This outline conforms to JEDEC MS-026.
Package Group: Plastic TQFP
Symbol
Millimeters
Inches
Min
Max
Notes
Min
Max
Notes
A
1.00
1.20
0.039
0.047
A1
0.05
0.15
0.002
0.006
A2
0.95
1.05
0.037
0.041
D
11.75
12.25
0.463
0.482
D1
9.90
10.10
0.390
0.398
E
11.75
12.25
0.463
0.482
E1
9.90
10.10
0.390
0.398
L
0.45
0.75
0.018
0.030
e
0.80 BSC
0.031 BSC
b
0.30
0.45
0.012
0.018
b1
0.30
0.40
0.012
0.016
c
0.09
0.20
0.004
0.008
c1
0.09
0.16
0.004
0.006
N
4444
4444
Θ
0
°
7
°
0
°
7
°
D
E
D1
E1
Pin#1
2
e
1.0ø (0.039ø) Ref.
Option 1 (TOP side)
Pin#1
2
Option 2 (TOP side)
3.0ø (0.118ø) Ref.
Detail A
Detail B
L
1.00 Ref.
A2
A1
A
b
b1
c
c1
Base Metal
Detail A
Lead Finish
Detail B
11
°/13°(4x)
0
° Min
11
°/13°(4x)
Θ
R1 0.08 Min
R 0.08/0.20
Gage Plane
0.250
L
L1
S
0.20
Min
1.00 Ref
Detail B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com