Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F84A Datasheet(PDF) 310 Page - Microchip Technology

Part # PIC16F84A
Description  8-Bit CMOS Microcontrollers
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A Datasheet(HTML) 310 Page - Microchip Technology

Back Button PIC16F84A Datasheet HTML 306Page - Microchip Technology PIC16F84A Datasheet HTML 307Page - Microchip Technology PIC16F84A Datasheet HTML 308Page - Microchip Technology PIC16F84A Datasheet HTML 309Page - Microchip Technology PIC16F84A Datasheet HTML 310Page - Microchip Technology PIC16F84A Datasheet HTML 311Page - Microchip Technology PIC16F84A Datasheet HTML 312Page - Microchip Technology PIC16F84A Datasheet HTML 313Page - Microchip Technology PIC16F84A Datasheet HTML 314Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 337 page
background image
PIC16C6X
DS30234D-page 310
© 1997 Microchip Technology Inc.
E.3
PIC16C15X Family of Devices
E.4
PIC16C5X Family of Devices
PIC16C154
PIC16CR154
PIC16C156
PIC16CR156
PIC16C158
PIC16CR158
Clock
Maximum Frequency
of Operation (MHz)
20
20
20
20
20
20
Memory
EPROM Program Memory
(x12 words)
512
—
1K
—
2K
—
ROM Program Memory
(x12 words)
—
512
—
1K
—
2K
RAM Data Memory (bytes) 25
25
25
25
73
73
Peripherals Timer Module(s)
TMR0
TMR0
TMR0
TMR0
TMR0
TMR0
Features
I/O Pins
12
12
12
12
12
12
Voltage Range (Volts)
3.0-5.5
2.5-5.5
3.0-5.5
2.5-5.5
3.0-5.5
2.5-5.5
Number of Instructions
33
33
33
33
33
33
Packages
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
All PIC16/17 Family devices have Power-on Reset, selectable Watchdog Timer, selectable code protect and high
I/O current capability.
PIC16C52
PIC16C54
PIC16C54A
PIC16CR54A
PIC16C55
PIC16C56
Clock
Maximum Frequency
of Operation (MHz)
4
202020
20
20
Memory
EPROM Program Memory
(x12 words)
384
512
512
—
512
1K
ROM Program Memory
(x12 words)
—
—
—
512
—
—
RAM Data Memory (bytes)
25
25
25
25
24
25
Peripherals Timer Module(s)
TMR0
TMR0
TMR0
TMR0
TMR0
TMR0
Features
I/O Pins
12
12
12
12
20
12
Voltage Range (Volts)
2.5-6.25
2.5-6.25
2.0-6.25
2.0-6.25
2.5-6.25
2.5-6.25
Number of Instructions
33
33
33
33
33
33
Packages
18-pin DIP,
SOIC
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
28-pin DIP,
SOIC,
SSOP
18-pin DIP,
SOIC;
20-pin SSOP
PIC16C57
PIC16CR57B
PIC16C58A
PIC16CR58A
Clock
Maximum Frequency
of Operation (MHz)
20
20
20
20
Memory
EPROM Program Memory
(x12 words)
2K
—
2K
—
ROM Program Memory
(x12 words)
—2K
—
2K
RAM Data Memory (bytes)
72
72
73
73
Peripherals Timer Module(s)
TMR0
TMR0
TMR0
TMR0
Features
I/O Pins
20
20
12
12
Voltage Range (Volts)
2.5-6.25
2.5-6.25
2.0-6.25
2.5-6.25
Number of Instructions
33
33
33
33
Packages
28-pin DIP,
SOIC,
SSOP
28-pin DIP, SOIC,
SSOP
18-pin DIP, SOIC;
20-pin SSOP
18-pin DIP, SOIC;
20-pin SSOP
All PIC16/17 Family devices have Power-on Reset, selectable Watchdog Timer (except PIC16C52), selectable code protect and high
I/O current capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com