Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1403000000 Datasheet(PDF) 120 Page - List of Unclassifed Manufacturers

Part # 1403000000
Description  Let RoseBopla be your partner for standard or customized enclosures.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1403000000 Datasheet(HTML) 120 Page - List of Unclassifed Manufacturers

Back Button 1403000000 Datasheet HTML 116Page - List of Unclassifed Manufacturers 1403000000 Datasheet HTML 117Page - List of Unclassifed Manufacturers 1403000000 Datasheet HTML 118Page - List of Unclassifed Manufacturers 1403000000 Datasheet HTML 119Page - List of Unclassifed Manufacturers 1403000000 Datasheet HTML 120Page - List of Unclassifed Manufacturers 1403000000 Datasheet HTML 121Page - List of Unclassifed Manufacturers 1403000000 Datasheet HTML 122Page - List of Unclassifed Manufacturers 1403000000 Datasheet HTML 123Page - List of Unclassifed Manufacturers 1403000000 Datasheet HTML 124Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 164 page
background image
www.Rose-Bopla.com
118
Part Number
Weight (lbs.)
4981
Part Number
Weight
(lbs)
Weight
(lbs)
Weight
(lbs)
4951
Part Number
4961
Part Number
Connection Components
Steel Tubing
• Robust industrial suspension arm system for supporting machine control enclosures
• Modular construction using square steel tubing and cast steel and aluminum
connection components
• High loading capacity, long extension capabilities
4951/61/81 Suspension Arm System
Technical Data
Dark gray, similar to RAL 7043. Tubing: zinc plated.
Square connection tubing, 5mm thick, steel, to DIN 2395
IP 65, EN 60529, NEMA 12
Cut tubing to desired length. Slide components together. Tighten to required
torque. Complete assembly instructions provided with components.
30 Nm, 22 lbs. force
Base unit bracket
Foot
Wall bracket
Adapter angle coupling (for vertical wiring exit)
Intermediate joint
Elbow
Elbow coupling
Flange elbow coupling
Flange coupling
Adjustable angle coupling
30° fixed angle adapter for flange coupling
49516600 00
49517400 00
49517000 00
49517900 00
49516700 00
49518000 00
49517500 00
49517800 00
49517700 00
49516200 00
49517600 00
10094156 45 (51)
10094157 45 (61)
10094159 45 (81)
44.00
47.00
71.00
30.86
6.61
13.89
11.02
13.67
9.92
4.85
4.85
4.63
3.97
1.76
40.12
6.61
20.06
13.23
19.62
12.79
7.05
7.94
6.17
4.85
2.20
51.38
13.23
28.66
14.33
28.00
17.64
12.57
12.35
10.80
6.17
3.75
49616600 00
49617400 00
49617000 00
49617900 00
49616700 00
49618000 00
49617500 00
49617800 00
49617700 00
49616200 00
49617600 00
49816600 00
49817400 00
49817000 00
49817900 00
49816700 00
49818000 00
49817500 00
49817800 00
49817700 00
49816200 00
49817600 00
Support tubing, zinc plated steel, 10 foot sections for 4951
Support tubing, zinc plated steel, 10 foot sections for 4961
Support tubing, zinc plated steel, 10 foot sections for 4981
Color
Material
Protection Classifications
Assembly
Torque Requirements
Included in delivery
Individual system components including assembly material.
Maximum Weight:
3.3 ft. 4.9 ft. 6.6 ft. 8.1 ft. 9.8 ft. lbf.
System 51
225
146
112
lbf.
System 61
281
180
140
112
lbf.
System 81
337
213
163
135
112
lbf.
lbf.=Pounds Force
Usable Space:
System 51–40 x 40mm, Inside Dimension of Tubing.
System 61–50 x 50mm, Inside Dimension of Tubing.
System 81–70 x 70mm, Inside Dimension of Tubing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com