Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D-110-0217 Datasheet(PDF) 3 Page - Tyco Electronics

Part # D-110-0217
Description  SolderSleeve Discrete Wire Terminators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

D-110-0217 Datasheet(HTML) 3 Page - Tyco Electronics

  D-110-0217 Datasheet HTML 1Page - Tyco Electronics D-110-0217 Datasheet HTML 2Page - Tyco Electronics D-110-0217 Datasheet HTML 3Page - Tyco Electronics D-110-0217 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
8
8-41
Catalog 1654025
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 12-04
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Japan: 81-44-900-5102
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Singapore: 65-4866-151
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-1793-528171
Wire Termination to Pin/Post/Tab
SolderSleeve Discrete Wire Terminators (Continued)
Wire
Tape Carrier Spacing of Sleeves (Center-to-Center)
Terminal
1.27
2.54
3.17
4.0
Dimensions
AWG
mm2
None
[0.050]
[0.100]
[0.125]
[0.156]
W = up to 0.61 [.024]
30–26
[0.05–0.15]
D-141-30
D-713-03
24–22
[0.24–0.38]
D-141-07
D-711-00
W = 0.63 [.025] to
20
[0.61]
D-141-31
D-711-04
D-711-07
D-711-08
0.81 [.032]
W = 0.76 [.030] to
24–20
[0.24–0.61]
D-141-56
1.27 [.050]
W = up to 1.52 [.060]
24–20
[0.24–0.61]
D-129-05
D-714-01
——
W = 1.27 [.050] to
24–20
[0.24–0.61]
D-129-03
D-714-00
2.28 [.090]
W = 2.28 [.090] to
24–20
[0.24–0.61]
D-129-0043
3.55 [.140]
Part
Inside Diameter
Fully
No.*
As Supplied**
Recovered†
Length††
D-110-0062
1.0 [0.040]
0.6 [0.025]
16.0 [0.630]
D-110-0217
1.0 [0.040]
0.6 [0.025]
9.0 [0.360]
D-141-13
0.75 x 1.65 [0.030 X 0.065]
0.75 [0.030]
4.7 [0.185]
D-141-22
0.75 x 1.65 [0.030 X 0.065]
0.75 [0.030]
6.0 [0.240]
D-141-30
0.75 x 1.65 [0.030 X 0.065]
0.75 [0.030]
9.5 [0.375]
Note: Micro SolderSleeve terminators are used for attaching leads smaller than 26 AWG (0.15 mm2) to terminals less
than 0.6 [.025] wide.
*The D-110 series sleeves are primarily for single wire terminations and do not have a wire stop. The D-141 series will
accept either one or two wires; the parts have a built-in wire stop that will locate the wire approximately 0.76 [0.03]
from bottom of terminal.
**Minimum. Wire insulation must be smaller than this. When using the D-141 parts for two-wire terminations, the com-
bined wire insulation diameters must be less than 1.5 [.060].
†Maximum. The combination of conductor diameter and terminal width and the wire insulation must be greater than
this.
††The terminal length should be at least 1.2 [0.05] shorter than this. The wire strip length must be adjusted so that,
when terminated, the exposed conductor is covered by the sleeve.
pin
W
post
W
tab
W
For Fine Wire Terminations
0.15 mm
2 (26 AWG) and
Smaller*
Table B. D-129/141/71X Series
(up to 150°C [302°F] rated)
Connection-point
Type and Size


Similar Part No. - D-110-0217

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
D-11 ROITHNER-D-11 Datasheet
64Kb / 2P
   DRIVERS for LED
More results

Similar Description - D-110-0217

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1194946-2 MACOM-2-1194946-2 Datasheet
137Kb / 1P
   SOLDERSLEEVE WIRE TERMINATOR
logo
PANDUIT CORP.
D-1744-01 PANDUIT-D-1744-01 Datasheet
89Kb / 1P
   SOLDERSLEEVE WIRE SPLICE
logo
Tyco Electronics
011829-000 MACOM-011829-000 Datasheet
38Kb / 1P
   SOLDERSLEEVE* WIRE TO WIRE SPLICE, LOW TEMPERATURE
CWT-9001 MACOM-CWT-9001 Datasheet
95Kb / 1P
   SOLDERSLEEVE ONE-STEP WIRE TERMINATOR, LOW TEMPERATURE
logo
Hirose Electric
HSC-TM-P1 HIROSE-HSC-TM-P1 Datasheet
154Kb / 4P
   Optical Terminators
logo
Molex Electronics Ltd.
91935-9004 MOLEX-91935-9004 Datasheet
106Kb / 2P
   Picoflex짰 Discrete Wire
logo
AVX Corporation
00-9176-002-001-106 AVX-00-9176-002-001-106 Datasheet
368Kb / 9P
   Discrete Wire IDC
logo
TE Connectivity Ltd
CWT-900X TEC-CWT-900X Datasheet
47Kb / 1P
   SOLDERSLEEVE ONE-STEP WIRE TERMINATOR, LOW TEMPERATURE
logo
Tyco Electronics
2-1194639-8 MACOM-2-1194639-8 Datasheet
100Kb / 1P
   COAXIAL SOLDERSLEEVE DEVICE WITH PRE-INSTALLED STRANDED WIRE
logo
AVX Corporation
009175003001006 AVX-009175003001006 Datasheet
368Kb / 5P
   SSL - Discrete Wire IDC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com