Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D-141-30 Datasheet(PDF) 4 Page - Tyco Electronics

Part # D-141-30
Description  SolderSleeve Discrete Wire Terminators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

D-141-30 Datasheet(HTML) 4 Page - Tyco Electronics

  D-141-30 Datasheet HTML 1Page - Tyco Electronics D-141-30 Datasheet HTML 2Page - Tyco Electronics D-141-30 Datasheet HTML 3Page - Tyco Electronics D-141-30 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
8-42
Catalog 1654025
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 12-04
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Japan: 81-44-900-5102
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Singapore: 65-4866-151
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-1793-528171
Wire Termination to Pin/Post/Tab
SolderSleeve Discrete Wire Terminators (Continued)
Material
Insulation [D-129, D-141, D-71X]
Radiation-crosslinked, heat-shrinkable polyvinylidene fluoride
Insulation [CWT]
Radiation-crosslinked, heat-shrinkable polyolefin
Solder and flux [D-129, D-141, D-71X]
Solder: Sn63 Pb37
Flux: ROL1 per ANSI -J - 004 [RMA flux]
Solder and flux [CWT]
Solder: Sn50 Pb32 Cd 18
Flux: ROM1 per ANSI -J - 004 [RA flux]
Typical Performance
Voltage drop
2.0 mV
Tensile strength
Exceeds strength of conductor
Dielectric strength
2.0 kV
Temperature rating [CWT]
-55°C to 125°C [-67°F to 257°F]
Temperature rating [D-129, D-141, D-71X]
-55°C to 150°C [-67°F to 302°F]
Insulation resistance
1000 megohms
Series
Agency
Raychem
CWT
UL and CUL E87681
D-5023
D-129, D-141
UL and CUL E87681
RT-1404
Product Characteristics
Specifications/Approvals


Similar Part No. - D-141-30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D-1409 ETC2-D-1409 Datasheet
2Mb / 54P
   standard straight tips
logo
PANDUIT CORP.
D-142-50 PANDUIT-D-142-50 Datasheet
95Kb / 1P
   (105째C) SOLDERSLEEVE LOW TEMPERATURE
D-142-51 PANDUIT-D-142-51 Datasheet
95Kb / 1P
   (105째C) SOLDERSLEEVE LOW TEMPERATURE
D-142-52 PANDUIT-D-142-52 Datasheet
95Kb / 1P
   (105째C) SOLDERSLEEVE LOW TEMPERATURE
D-142-52-ND PANDUIT-D-142-52-ND Datasheet
95Kb / 1P
   (105째C) SOLDERSLEEVE LOW TEMPERATURE
More results

Similar Description - D-141-30

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1194946-2 MACOM-2-1194946-2 Datasheet
137Kb / 1P
   SOLDERSLEEVE WIRE TERMINATOR
logo
PANDUIT CORP.
D-1744-01 PANDUIT-D-1744-01 Datasheet
89Kb / 1P
   SOLDERSLEEVE WIRE SPLICE
logo
Tyco Electronics
011829-000 MACOM-011829-000 Datasheet
38Kb / 1P
   SOLDERSLEEVE* WIRE TO WIRE SPLICE, LOW TEMPERATURE
CWT-9001 MACOM-CWT-9001 Datasheet
95Kb / 1P
   SOLDERSLEEVE ONE-STEP WIRE TERMINATOR, LOW TEMPERATURE
logo
Hirose Electric
HSC-TM-P1 HIROSE-HSC-TM-P1 Datasheet
154Kb / 4P
   Optical Terminators
logo
Molex Electronics Ltd.
91935-9004 MOLEX-91935-9004 Datasheet
106Kb / 2P
   Picoflex짰 Discrete Wire
logo
AVX Corporation
00-9176-002-001-106 AVX-00-9176-002-001-106 Datasheet
368Kb / 9P
   Discrete Wire IDC
logo
TE Connectivity Ltd
CWT-900X TEC-CWT-900X Datasheet
47Kb / 1P
   SOLDERSLEEVE ONE-STEP WIRE TERMINATOR, LOW TEMPERATURE
logo
Tyco Electronics
2-1194639-8 MACOM-2-1194639-8 Datasheet
100Kb / 1P
   COAXIAL SOLDERSLEEVE DEVICE WITH PRE-INSTALLED STRANDED WIRE
logo
AVX Corporation
009175003001006 AVX-009175003001006 Datasheet
368Kb / 5P
   SSL - Discrete Wire IDC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com