Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3--21028-2 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 3--21028-2
Description  Terminating Head 58247- 1 For MTA- 156 Receptacle Connectors Using Discrete Wire
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3--21028-2 Datasheet(HTML) 5 Page - Tyco Electronics

  3--21028-2 Datasheet HTML 1Page - Tyco Electronics 3--21028-2 Datasheet HTML 2Page - Tyco Electronics 3--21028-2 Datasheet HTML 3Page - Tyco Electronics 3--21028-2 Datasheet HTML 4Page - Tyco Electronics 3--21028-2 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
408- 6930
5
of 5
Rev F
88.9 mm [3.50 in.]
25.4 mm
[1.00 in.]
28.58 mm
[1.125 in.]
A
A
Weight:
85g[3oz]
5
Section A--A
3
4
6
7
8
2
11
1
9
10
14
15
12
13
REPLACEMENT PARTS
ITEM
PART NUMBER
DESCRIPTION
QTY PER HEAD
1
312150--1
HEAD, Finished
1
2
312138--3
HOUSING, Insert
1
3
6--22278--5
SPRING, Compression
1
4
312147--1
PAWL, Locating
1
5
4--22430--8
SCREW, Machine (4--40¢.875 in. L)
4
6
21041--7
PIN, Spiral Spring
1
7
312192--1
PAWL, Feed
1
8
312154--1
INSERTER, Wire
1
9
22488--5
SPRING, Compression
1
10
312149--1
ADJUSTER, Rod Insertion
1
11
312148--1
ROD, Inserter
1
12
3--21028--2
PIN, Slotted Spring
1
13
312153--1
CAM, Traverse Slide
1
14
1--23147--2
SPRING, Compression
1
15
312151--1
SLIDE, Feed
1
Figure 6


Similar Part No. - 3--21028-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
3--21028--2 TEC-3--21028--2 Datasheet
210Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
3--21028--2 TEC-3--21028--2 Datasheet
144Kb / 6P
   2 mm Common Termination Head Assembly
logo
Tyco Electronics
3--21028--2 MACOM-3--21028--2 Datasheet
142Kb / 5P
   Feed- Through Head Assembly
3--21028--2 MACOM-3--21028--2 Datasheet
161Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
3--21028--2 MACOM-3--21028--2 Datasheet
146Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
More results

Similar Description - 3--21028-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
640643 MACOM-640643 Datasheet
85Kb / 1P
   COVER, FEEDTHRU, MTA-156
1-643067-4 MACOM-1-643067-4 Datasheet
108Kb / 1P
   COVER, MOLDED, .095 MAX O.D. WIRE, MTA-156
logo
TE Connectivity Ltd
408-4406 TEC-408-4406 Datasheet
336Kb / 5P
   Mass Insertion Terminating Head
logo
Tyco Electronics
3-641437-4 MACOM-3-641437-4 Datasheet
118Kb / 1P
   MTA 156 POSTED CONNECTOR ASSEMBLY
643071-2 MACOM-643071-2 Datasheet
106Kb / 2P
   COVER, FEED-THRU, MOLDED, .095 MAX, O.D. WIRE, MTA-156
3-644465-2 MACOM-3-644465-2 Datasheet
113Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 18 AWG
logo
List of Unclassifed Man...
3-644754-4 ETC2-3-644754-4 Datasheet
174Kb / 1P
   MTA-156 HEADER ASSEMBLY FRICTION LOCK
logo
Tyco Electronics
640468-3 MACOM-640468-3 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power Connectors
641170 MACOM-641170 Datasheet
129Kb / 1P
   MTA-156 CONNECTOR ASSEMBLY, 22 AWG, STANDARD
641149 MACOM-641149 Datasheet
130Kb / 1P
   MTA-156 CONNECTOR ASSEMBLY, 20 AWG, STANDARD
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com