Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1--23147-2 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1--23147-2
Description  Terminating Head 58247- 1 For MTA- 156 Receptacle Connectors Using Discrete Wire
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1--23147-2 Datasheet(HTML) 2 Page - Tyco Electronics

  1--23147-2 Datasheet HTML 1Page - Tyco Electronics 1--23147-2 Datasheet HTML 2Page - Tyco Electronics 1--23147-2 Datasheet HTML 3Page - Tyco Electronics 1--23147-2 Datasheet HTML 4Page - Tyco Electronics 1--23147-2 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
408- 6930
Rev F
2
of 5
2. Using a small knife, cut off the wire retainers
(strain relief) of the connector. This will provide a
clear view for inspecting the connector for a
properly terminated wire in the contact. See
Figure 3.
Wire retainers are removed in a connector for
testing only. DO NOT use such connectors for
production application.
3. Make a test termination according to Steps 1
through 5 of Section 5, TERMINATING
PROCEDURE.
4. Push the connector out of the right side of the
head.
5. Check that the wire insertion depth is within the
dimension given in Figure 3.
To obtain the wire insertion depth, measure from
the front of the contact beam to the center of the
wire as shown in Figure 3 -- or -- measure from
the front of the contact beam to the back of the
wire and subtract the wire diameter divided by 2.
If it is not, proceed as follows:
For the manual handle assembly, refer to
Section 4, WIRE INSERTION DEPTH
ADJUSTMENT.
For the pneumatic handle assembly, if the wire is
inserted too deeply (more than the required wire
insertion depth), refer to Section 4, WIRE
INSERTION DEPTH ADJUSTMENT. If the wire is
not inserted deeply enough (less than the required
wire insertion depth), increase the air pressure by
69 kPa [10 psi]. Repeat the termination procedure
and check the insertion depth. Continue in this
manner until either the proper insertion depth is
obtained or the air pressure is set to 483 kPa
[70 psi]. If the proper insertion depth is NOT
reached at 483 kPa [70 psi], return the air pressure
to 276 kPa [40 psi], and refer to Section 4.
6. Inspect the termination according to
Paragraph 3.2.
3.2. Termination Inspection (Refer to Figure 3)
Refer to 114--1020 for detailed explanation of the
termination inspection requirements.
1 — The required wire insertion depth is within the
dimension given in Figure 3 (refer to Step 5 of
Paragraph 3.1 for measurement).
2 — The end of the wire extends past the contact
beam by at least 1.52 mm [.060 in.].
Figure 3
Contact (Partially
Removed)
1.52 mm [.060 in.] Min
End of Wire Extends Past
Contact Beam
Wire Retainer
(Strain Relief)
Removed
Lock
(Ramp, Ref)
Test Connector
Production Connector
Wire Extends Past Wire
Retainer (Strain Relief)
Contact Beams
Not Deformed
Termination Inspection
Wire Insulation
Not Nicked or Cut
1
2
3
4
5
Wire
2.41+0.46/--0.13 mm [.095+.018/--.005 in.]
Wire Insertion Depth
(Front of Contact Beam to Center of Wire)
CAUTION
!
NOTE
i
NOTE
i


Similar Part No. - 1--23147-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1--23147--1 MACOM-1--23147--1 Datasheet
146Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
1--23147--2 MACOM-1--23147--2 Datasheet
142Kb / 5P
   Feed- Through Head Assembly
1--23147--2 MACOM-1--23147--2 Datasheet
161Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
More results

Similar Description - 1--23147-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
640643 MACOM-640643 Datasheet
85Kb / 1P
   COVER, FEEDTHRU, MTA-156
1-643067-4 MACOM-1-643067-4 Datasheet
108Kb / 1P
   COVER, MOLDED, .095 MAX O.D. WIRE, MTA-156
logo
TE Connectivity Ltd
408-4406 TEC-408-4406 Datasheet
336Kb / 5P
   Mass Insertion Terminating Head
logo
Tyco Electronics
3-641437-4 MACOM-3-641437-4 Datasheet
118Kb / 1P
   MTA 156 POSTED CONNECTOR ASSEMBLY
643071-2 MACOM-643071-2 Datasheet
106Kb / 2P
   COVER, FEED-THRU, MOLDED, .095 MAX, O.D. WIRE, MTA-156
3-644465-2 MACOM-3-644465-2 Datasheet
113Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 18 AWG
logo
List of Unclassifed Man...
3-644754-4 ETC2-3-644754-4 Datasheet
174Kb / 1P
   MTA-156 HEADER ASSEMBLY FRICTION LOCK
logo
Tyco Electronics
640468-3 MACOM-640468-3 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power Connectors
641170 MACOM-641170 Datasheet
129Kb / 1P
   MTA-156 CONNECTOR ASSEMBLY, 22 AWG, STANDARD
641149 MACOM-641149 Datasheet
130Kb / 1P
   MTA-156 CONNECTOR ASSEMBLY, 20 AWG, STANDARD
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com