Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1--23147-2 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 1--23147-2
Description  Terminating Head 58247- 1 For MTA- 156 Receptacle Connectors Using Discrete Wire
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1--23147-2 Datasheet(HTML) 3 Page - Tyco Electronics

  1--23147-2 Datasheet HTML 1Page - Tyco Electronics 1--23147-2 Datasheet HTML 2Page - Tyco Electronics 1--23147-2 Datasheet HTML 3Page - Tyco Electronics 1--23147-2 Datasheet HTML 4Page - Tyco Electronics 1--23147-2 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
408- 6930
3
of 5
Rev F
3 — The contact beams are NOT deformed. If
damage is apparent, replace the contacts in
accordance with the instructions packaged with the
connector.
4 — The wire insulation is NOT nicked or cut in
any area other than the two contact slots.
5 — The wire extends past the wire retainer (strain
relief) of the connector.
4. WIRE INSERTION DEPTH ADJUSTMENT (See Figure 4)
1. Remove the head from the handle assembly.
2. If the wire is inserted too deeply (more than the
required wire insertion depth), reduce the wire
insertion depth by turning the adjuster 1/6 of a
revolution clockwise. The wire insertion depth will
be reduced by approximately 0.20 mm [.008 in.].
If the wire is bottomed in the contact slot, this
indicates that the adjuster is set to the maximum
wire insertion depth — DO NOT turn the adjuster
counterclockwise; otherwise damage to the head
may occur.
If the wire is not inserted deeply enough (less than
the required wire insertion depth), increase the wire
insertion depth by turning the adjuster 1/6 of a
revolution counterclockwise. The wire insertion
depth will be increased by approximately 0.20 mm
[.008 in.].
When turning the adjuster counterclockwise,
make sure to check the wire insertion depth after
EACH 1/6 revolution. If the adjuster is set past the
maximum setting, damage to the head may
occur.
Figure 4
Turn CLOCKWISE to
Reduce Wire Insertion Depth
Turn COUNTERCLOCKWISE to
Increase Wire Insertion Depth
DO NOT Turn Past Maximum Setting
Refer to CAUTION
Adjuster
Wire Insertion Depth Adjustment
Note: 1
/6 Revolution Equals 0.20 mm [.008 in.] Adjustment
5. TERMINATING PROCEDURE (Refer to Figure 5)
There is no wire preparation required.
1. Insert the connector into the left side of the
head.
2. Align the contact to be terminated with the wire
inserter of the head (shown in Figure 1). Make sure
that the locating pawl rests between the connector
index ribs.
3. Insert an unstripped wire into the funnel area
between the contact and the wire inserter until it
bottoms on the tool base.
4. Squeeze the cam handle (manual) or depress
the trigger (pneumatic) of the handle assembly,
and hold it until the ratchet releases (manual) or
the wire inserter bottoms (pneumatic).
5. Release the cam handle or trigger. The wire
inserter will retract and the feed slide will
automatically advance the connector to the next
contact position.
The locating pawl will move up and down as the
connector is automatically advanced through the
head. However, if movement is obstructed, or if
desired, the locating pawl can be depressed and
the connector moved manually out of the RIGHT
side of the head.
6. Repeat Steps 2 through 5 until all contacts have
been terminated.
7. Inspect each termination according to
Paragraph 3.2.
6. MAINTENANCE AND INSPECTION
6.1. Daily Maintenance
1. Remove dust, moisture, and other contaminants
with a clean, soft brush or lint--free cloth. DO NOT
use objects that could damage the head.
2. Make sure that all components are in place and
properly secured.
3. Actuate the tool to make sure that the
mechanisms inside the head function smoothly.
6.2. Periodic Maintenance
1. Remove any accumulated film with a suitable
cleaning agent that will not affect plastic.
2. Make sure all components are in place and
properly secured.
3. Check for chipped, cracked, worn, or broken
areas on the head. If damage is evident, repair or
replace the head.
CAUTION
!
CAUTION
!
NOTE
i
NOTE
i


Similar Part No. - 1--23147-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1--23147--1 MACOM-1--23147--1 Datasheet
146Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
1--23147--2 MACOM-1--23147--2 Datasheet
142Kb / 5P
   Feed- Through Head Assembly
1--23147--2 MACOM-1--23147--2 Datasheet
161Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
More results

Similar Description - 1--23147-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
640643 MACOM-640643 Datasheet
85Kb / 1P
   COVER, FEEDTHRU, MTA-156
1-643067-4 MACOM-1-643067-4 Datasheet
108Kb / 1P
   COVER, MOLDED, .095 MAX O.D. WIRE, MTA-156
logo
TE Connectivity Ltd
408-4406 TEC-408-4406 Datasheet
336Kb / 5P
   Mass Insertion Terminating Head
logo
Tyco Electronics
3-641437-4 MACOM-3-641437-4 Datasheet
118Kb / 1P
   MTA 156 POSTED CONNECTOR ASSEMBLY
643071-2 MACOM-643071-2 Datasheet
106Kb / 2P
   COVER, FEED-THRU, MOLDED, .095 MAX, O.D. WIRE, MTA-156
3-644465-2 MACOM-3-644465-2 Datasheet
113Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 18 AWG
logo
List of Unclassifed Man...
3-644754-4 ETC2-3-644754-4 Datasheet
174Kb / 1P
   MTA-156 HEADER ASSEMBLY FRICTION LOCK
logo
Tyco Electronics
640468-3 MACOM-640468-3 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power Connectors
641170 MACOM-641170 Datasheet
129Kb / 1P
   MTA-156 CONNECTOR ASSEMBLY, 22 AWG, STANDARD
641149 MACOM-641149 Datasheet
130Kb / 1P
   MTA-156 CONNECTOR ASSEMBLY, 20 AWG, STANDARD
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com