Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H-183-4 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # H-183-4
Description  Microwave Hybrid Junction
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

H-183-4 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  H-183-4 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. H-183-4 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Microwave Hybrid Junction,
30 MHz - 3 GHz
Rev. V2
H-183-4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• 0o - 180o Hybrid
• Seven Octave Frequency Range
C-11
Guaranteed Specifications*: From –55
oC to +85oC
Frequency Range
30-3000 MHz
Insertion Loss (less coupling)
30-100 MHz
100-1500 MHz
1500-3000 MHz
1.2 dB Max
1.5 dB Max
2.5 dB Max
Isolation
30-100 MHz
100-1500 MHz
1500-3000 MHz
25 dB Min
20 dB Min
20 dB Min
Amplitude Balance
2-2000 MHz
0.4 dB Max
VSWR
30-100 MHz
100-1500 MHz
1500-3000 MHz
1.6:1 Max
1.6:1 Max
2.5:1 Max
Phase Balance
30-100 MHz
100-1500 MHz
1500-3000 MHz
2
o Max
7.5
o Max
15
o Max
A
B
H-183-4
1.207 ± 0.020
(30.6 ± 0.5)
0.592 ± 0.020
(15.03 ± 0.5)
Operating Characteristics
* All specifications apply with 50 ohm source and load
impedance. This product contains elements protected by United
States Patent Number 3,508,171.
Parameter
Absolute Maximum
Impedance
50 Ohms Nominal
Input Power
5.0 Watt Max
Enviornmental
MIL-STD-883 screening available.


Similar Part No. - H-183-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
H-183-4 MACOM-H-183-4 Datasheet
104Kb / 2P
   Microwave Hybrid Junction 30 MHz - 3 GHz
logo
M/A-COM Technology Solu...
H-183-4 MA-COM-H-183-4 Datasheet
104Kb / 2P
   Microwave Hybrid Junction, 30 MHz - 3 GHz
logo
Tyco Electronics
H-183-4SMA MACOM-H-183-4SMA Datasheet
104Kb / 2P
   Microwave Hybrid Junction 30 MHz - 3 GHz
H-183-4SMA MACOM-H-183-4SMA Datasheet
171Kb / 2P
   Microwave Hybrid Junction 30 MHz - 3 GHz
logo
M/A-COM Technology Solu...
H-183-4SMA MA-COM-H-183-4SMA Datasheet
104Kb / 2P
   Microwave Hybrid Junction, 30 MHz - 3 GHz
More results

Similar Description - H-183-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
H-183-4 MACOM-H-183-4_1 Datasheet
171Kb / 2P
   Microwave Hybrid Junction 30 MHz - 3 GHz
H-183-4 MACOM-H-183-4 Datasheet
104Kb / 2P
   Microwave Hybrid Junction 30 MHz - 3 GHz
logo
M/A-COM Technology Solu...
H-183-4 MA-COM-H-183-4 Datasheet
104Kb / 2P
   Microwave Hybrid Junction, 30 MHz - 3 GHz
H-9 MA-COM-H-9 Datasheet
66Kb / 2P
   Hybrid Junction
logo
Merrimac Industries, In...
HJD-2Z-1.9G MERRIMAC-HJD-2Z-1.9G Datasheet
219Kb / 5P
   HYBRID JUNCTION
logo
M/A-COM Technology Solu...
HH-128-PIN MA-COM-HH-128-PIN Datasheet
63Kb / 2P
   Flatpack Hybrid Junction
logo
Microsemi Corporation
KV2111 MICROSEMI-KV2111 Datasheet
100Kb / 2P
   VARACTOR DIODES Microwave Hyperabrupt Junction
logo
Merrimac Industries, In...
HJF-C-500SQ MERRIMAC-HJF-C-500SQ Datasheet
113Kb / 1P
   0/180째 HYBRID JUNCTION
HJF-A-500 MERRIMAC-HJF-A-500 Datasheet
281Kb / 2P
   BROAD BAND HYBRID JUNCTION
HJF-A-500SQ MERRIMAC-HJF-A-500SQ Datasheet
69Kb / 1P
   0/180째 HYBRID JUNCTION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com