Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H-183-4 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # H-183-4
Description  Microwave Hybrid Junction
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

H-183-4 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  H-183-4 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. H-183-4 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Microwave Hybrid Junction,
30 MHz - 3 GHz
Rev. V2
H-183-4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Ordering Information
Part Number
Package
H-183-4 SMA
Connectorized
Typical Performance Curves
Functional Diagram


Similar Part No. - H-183-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
H-183-4 MACOM-H-183-4 Datasheet
104Kb / 2P
   Microwave Hybrid Junction 30 MHz - 3 GHz
logo
M/A-COM Technology Solu...
H-183-4 MA-COM-H-183-4 Datasheet
104Kb / 2P
   Microwave Hybrid Junction, 30 MHz - 3 GHz
logo
Tyco Electronics
H-183-4SMA MACOM-H-183-4SMA Datasheet
104Kb / 2P
   Microwave Hybrid Junction 30 MHz - 3 GHz
H-183-4SMA MACOM-H-183-4SMA Datasheet
171Kb / 2P
   Microwave Hybrid Junction 30 MHz - 3 GHz
logo
M/A-COM Technology Solu...
H-183-4SMA MA-COM-H-183-4SMA Datasheet
104Kb / 2P
   Microwave Hybrid Junction, 30 MHz - 3 GHz
More results

Similar Description - H-183-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
H-183-4 MACOM-H-183-4_1 Datasheet
171Kb / 2P
   Microwave Hybrid Junction 30 MHz - 3 GHz
H-183-4 MACOM-H-183-4 Datasheet
104Kb / 2P
   Microwave Hybrid Junction 30 MHz - 3 GHz
logo
M/A-COM Technology Solu...
H-183-4 MA-COM-H-183-4 Datasheet
104Kb / 2P
   Microwave Hybrid Junction, 30 MHz - 3 GHz
H-9 MA-COM-H-9 Datasheet
66Kb / 2P
   Hybrid Junction
logo
Merrimac Industries, In...
HJD-2Z-1.9G MERRIMAC-HJD-2Z-1.9G Datasheet
219Kb / 5P
   HYBRID JUNCTION
logo
M/A-COM Technology Solu...
HH-128-PIN MA-COM-HH-128-PIN Datasheet
63Kb / 2P
   Flatpack Hybrid Junction
logo
Microsemi Corporation
KV2111 MICROSEMI-KV2111 Datasheet
100Kb / 2P
   VARACTOR DIODES Microwave Hyperabrupt Junction
logo
Merrimac Industries, In...
HJF-C-500SQ MERRIMAC-HJF-C-500SQ Datasheet
113Kb / 1P
   0/180째 HYBRID JUNCTION
HJF-A-500 MERRIMAC-HJF-A-500 Datasheet
281Kb / 2P
   BROAD BAND HYBRID JUNCTION
HJF-A-500SQ MERRIMAC-HJF-A-500SQ Datasheet
69Kb / 1P
   0/180째 HYBRID JUNCTION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com