Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN78L05ME1 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # AN78L05ME1
Description  3-pin positive output voltage regulator (100 mA type)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN78L05ME1 Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button AN78L05ME1 Datasheet HTML 2Page - Panasonic Semiconductor AN78L05ME1 Datasheet HTML 3Page - Panasonic Semiconductor AN78L05ME1 Datasheet HTML 4Page - Panasonic Semiconductor AN78L05ME1 Datasheet HTML 5Page - Panasonic Semiconductor AN78L05ME1 Datasheet HTML 6Page - Panasonic Semiconductor AN78L05ME1 Datasheet HTML 7Page - Panasonic Semiconductor AN78L05ME1 Datasheet HTML 8Page - Panasonic Semiconductor AN78L05ME1 Datasheet HTML 9Page - Panasonic Semiconductor AN78L05ME1 Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AN78L05M
6
SFF00105BEB
Absolute Maximum Ratings
*1
35
Note
Unit
Rating
Symbol
Parameter
A
No.
*2
mA
200
ICC
Supply current
2
*4
°C
−55 to +150
Tstg
Storage temperature
5
*4
°C
−30 to + 80
Topr
Operating ambient temperature
4
*3
mW
270
PD
Power dissipation
3
V
VIN
Input voltage
1
Note) *1: The values under the condition not exceeding the above absolute maximum ratings and the power dissipation.
*2: Since current limiting circuit is built in, current value never exceeds the limit.
*3: The power dissipation shown is the value at T
a = 80°C.
When using this IC, refer to the P
D Ta diagram in the
Technical Data and use under the condition not exceeding the allowable value.
When T
j exceeds 150°C, the internal circuit cuts off the output.
*4: Except for the power dissipation, operating ambient temperature, and storage temperature, all ratings are for T
a = 25°C.
Operating supply voltage range
Note
Unit
Range
Symbol
Parameter
V
7.5 to 20
VCC
Supply voltage range
Note) The values under the condition not exceeding the above absolute maximum ratings and the power dissipation.


Similar Part No. - AN78L05ME1

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN78L05M PANASONIC-AN78L05M Datasheet
179Kb / 12P
3-pin positive output voltage regulator (100 mA type)
More results

Similar Description - AN78L05ME1

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7800 PANASONIC-AN7800 Datasheet
67Kb / 8P
3-pin Positive Output Voltage Regulator 1A Type
AN78L00 PANASONIC-AN78L00 Datasheet
66Kb / 9P
3-pin Positive Output Voltage Regulator 100mA Type
AN78N00 PANASONIC-AN78N00 Datasheet
64Kb / 9P
3-pin Positive Output Voltage Regulator 300mA Type
AN78LXX PANASONIC-AN78LXX Datasheet
179Kb / 12P
3-pin positive output voltage regulator (100 mA type)
AN80XX PANASONIC-AN80XX Datasheet
159Kb / 9P
3-pin, positive output, low dropout voltage regulator (50 mA type)
AN79L07 PANASONIC-AN79L07 Datasheet
175Kb / 12P
3-pin negative output voltage regulator (100 mA type)
logo
Panasonic Battery Group
AN78L12ME1 PANASONICBATTERY-AN78L12ME1 Datasheet
297Kb / 10P
3-pin positive output voltage regulator (100 mA type)
logo
Panasonic Semiconductor
AN77L05M-E1 PANASONIC-AN77L05M-E1 Datasheet
311Kb / 11P
3-pin, positive output, low dropout voltage regulator (100 mA type)
AN77L03 PANASONIC-AN77L03 Datasheet
195Kb / 10P
3-pin, positive output, low dropout voltage regulator (100 mA type) limit circuit
AN77L04M-E1 PANASONIC-AN77L04M-E1 Datasheet
195Kb / 10P
AN77Lxx/AN77LxxM Series 3-pin, positive output, low dropout voltage regulator (100 mA type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com