Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN78L05ME1 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AN78L05ME1
Description  3-pin positive output voltage regulator (100 mA type)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN78L05ME1 Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button AN78L05ME1 Datasheet HTML 2Page - Panasonic Semiconductor AN78L05ME1 Datasheet HTML 3Page - Panasonic Semiconductor AN78L05ME1 Datasheet HTML 4Page - Panasonic Semiconductor AN78L05ME1 Datasheet HTML 5Page - Panasonic Semiconductor AN78L05ME1 Datasheet HTML 6Page - Panasonic Semiconductor AN78L05ME1 Datasheet HTML 7Page - Panasonic Semiconductor AN78L05ME1 Datasheet HTML 8Page - Panasonic Semiconductor AN78L05ME1 Datasheet HTML 9Page - Panasonic Semiconductor AN78L05ME1 Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AN78L05M
7
SFF00105BEB
30
5
IOUT = 1 mA to 40 mA, Tj = 25°C
100
45
VIN = 8 V to 20 V, Tj = 25°C
*1
mV
60
11
IOUT = 1 mA to 100 mA, Tj = 25°C
REGL
Load regulation
4
*1
mA
3.0
2.0
Tj = 25°C
IBias
Bias current
5
*1
mA
1.0
VIN = 8 V to 20 V, Tj = 25°C
ΔIBias(IN)
Bias current fluctuation to input
6
*1
mA
0.1
IOUT = 1 mA to 40 mA, Tj = 25°C
ΔIBias(L)
Bias current fluctuation to load
7
*1
mV
150
55
VIN = 7.5 V to 20 V, Tj = 25°C
REGIN
Line regulation
3
VIN = 7.5 V to 20 V,
IOUT = 1 mA to 70 mA
*1
V
5.25
VOUT
Output voltage tolerance
4.75
*1
V
5.2
5.0
4.8
Tj = 25°C
VOUT
Output voltage
1
2
dB
57
47
VIN = 8 V to 18 V,
IOUT = 40 mA, f = 120 Hz
RR
Ripple rejection ratio
8
Limits
Typ
Unit
Max
Note
Min
Conditions
Symbol
Parameter
B
No.
Note) *1: The specified condition T
j = 25°C means that the test should be carried out within so short a test time (within 10ms) that the characteristic
value drift due to the chip junction temperature rise can be ignored.
Electrical Characteristics
Note) Unless otherwise specified, T
a = 25°C±2°C, VIN = 10 V, IOUT = 40 mA, CIN = 0.33 μF and COUT = 0.1 μF, Tj = 0°C to 125°C


Similar Part No. - AN78L05ME1

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN78L05M PANASONIC-AN78L05M Datasheet
179Kb / 12P
3-pin positive output voltage regulator (100 mA type)
More results

Similar Description - AN78L05ME1

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7800 PANASONIC-AN7800 Datasheet
67Kb / 8P
3-pin Positive Output Voltage Regulator 1A Type
AN78L00 PANASONIC-AN78L00 Datasheet
66Kb / 9P
3-pin Positive Output Voltage Regulator 100mA Type
AN78N00 PANASONIC-AN78N00 Datasheet
64Kb / 9P
3-pin Positive Output Voltage Regulator 300mA Type
AN78LXX PANASONIC-AN78LXX Datasheet
179Kb / 12P
3-pin positive output voltage regulator (100 mA type)
AN80XX PANASONIC-AN80XX Datasheet
159Kb / 9P
3-pin, positive output, low dropout voltage regulator (50 mA type)
AN79L07 PANASONIC-AN79L07 Datasheet
175Kb / 12P
3-pin negative output voltage regulator (100 mA type)
logo
Panasonic Battery Group
AN78L12ME1 PANASONICBATTERY-AN78L12ME1 Datasheet
297Kb / 10P
3-pin positive output voltage regulator (100 mA type)
logo
Panasonic Semiconductor
AN77L05M-E1 PANASONIC-AN77L05M-E1 Datasheet
311Kb / 11P
3-pin, positive output, low dropout voltage regulator (100 mA type)
AN77L03 PANASONIC-AN77L03 Datasheet
195Kb / 10P
3-pin, positive output, low dropout voltage regulator (100 mA type) limit circuit
AN77L04M-E1 PANASONIC-AN77L04M-E1 Datasheet
195Kb / 10P
AN77Lxx/AN77LxxM Series 3-pin, positive output, low dropout voltage regulator (100 mA type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com