Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S Datasheet(PDF) 1 Page - Panasonic Battery Group

Part # S
Description  2a2b/3a1b/4a 4A polarized power relays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

S Datasheet(HTML) 1 Page - Panasonic Battery Group

  S Datasheet HTML 1Page - Panasonic Battery Group S Datasheet HTML 2Page - Panasonic Battery Group S Datasheet HTML 3Page - Panasonic Battery Group S Datasheet HTML 4Page - Panasonic Battery Group S Datasheet HTML 5Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
S
ASCTB207E 201202-T
4-GAP BALANCED ARMATURE MECHANISM
HOW IT WORKS (single side stable type)
2a2b/3a1b/4a 4A polarized
power relays
S RELAYS
FEATURES
1. Compact with high sensitivity
The high-efficiency polarized
electromagnetic circuits of the 4-gap
balanced armature and our exclusive
spring alignment method achieves,
with high-sensitivity in a small
package, a relay that can be directly
controlled by a driver chip.
RoHS compliant
2. Strong resistance to vibration and
shock
Use of 4G-BA technology realizes
strong resistance to vibration and
shock.
3. High reliability and long life
Our application of 4G-BA technology,
along with almost perfectly complete
twin contact, ensures minimal contact
bounce and high reliability.
4. Ability to provide wide-ranging
control
Use of 4G-BA technology with gold-
clad silver alloy contacts in a twin
contact structure enables control
across a broad range from
microcurrents of 100
µA 100 mV DC to
4 A 250 V AC.
5. Latching types available
With 4G-BA technology, as well as
single side stable types, convenient 2
coil latching types for circuit memory
applications are also available.
6. Wide variety of contact formations
available
The compact size of the 4G-BA
mechanism enables the provision of
many kinds of package, including
2a2b, 3a1b, and 4a. These meet your
needs across a broad range of
applications.
7. Low thermal electromotive force
relay
High sensitivity (low power
consumption) is realized by 4G-BA
technology. Separation of the coil and
spring sections has resulted in a relay
with extremely low levels of thermal
electromotive force (approx. 0.3
µV).
8. DIL terminal array
Deployed to fit a 2.54 mm .100 inch
grid, the terminals are presented in DIL
arrays which match the printed circuit
board terminal patterns commonly in
international use.
9. Relays that push the boundaries of
relay efficiency
High-density S relays take you close to
the limits of relay efficiency.
10. Sockets are available.
TYPICAL APPLICATIONS
Telecommunications equipment, data
processing equipment, facsimiles, alarm
equipment, measuring equipment.
1. Armature mechanism has excellent
resistance to vibration and shock
The armature structure enables free
rotation around the armature center of
gravity. Because the mass is maintained
in balance at the fulcrum of the axis of
rotation, large rotational forces do not
occur even if acceleration is applied
along any vector. The mechanism has
proven to have excellent resistance to
vibration and shock. All our S relays are
based on this balanced armature
mechanism, which is able to further
provide many other characteristics.
2. High sensitivity and reliability
provided by 4-gap balanced armature
mechanism
As a (polarized) balanced armature, the
S relay armature itself has two
permanent magnets. Presenting four
interfaces, the armature has a 4-gap
structure. As a result, the rotational axis
at either end of the armature is
symmetrical and, in an energized into a
polarized state, the twin magnetic
armature interfaces are subject to
repulsion on one side and attraction on
the other. This mechanism, exclusive to
Panasonic Corporation, provides a highly
efficient polarized magnetic circuit
structure that is both highly sensitive and
has a small form factor. Moreover,
suitability for provision with many types of
contact array and other advantages
promise to make it possible to provide
many of the various characteristics that
are coming to be demanded of relays.
1) When current is passed through the
coil, the yoke becomes magnetic and
polarized.
2) At either pole of the armature,
repulsion on one side and attraction on
the other side is caused by the interaction
of the poles and the permanent magnets
of the armature.
3) At this time, opening and closing
operates owing to the action of the
simultaneously moulded balanced
armature mechanism, so that when the
force of the contact breaker spring closes
the contact on one side, on the other
side, the balanced armature opens the
contact (2a2b).
Axis
Repulsion
Attraction
Permanent magnet
Residual plate
Attraction
Repulsion
N
S
N
S
N
S


Similar Description - S

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1933 ROHM-2SD1933 Datasheet
39Kb / 1P
   Power Transistor (-80V, -4A)
logo
Mospec Semiconductor
2N3740 MOSPEC-2N3740 Datasheet
120Kb / 3P
   POWER TRANSISTORS(4A,25W)
logo
Rohm
2SB1568 ROHM-2SB1568 Datasheet
78Kb / 4P
   Power Transistor (-80V, -4A)
2SB1474 ROHM-2SB1474 Datasheet
53Kb / 1P
   Power Transistor (-80V, -4A)
2SB1644 ROHM-2SB1644 Datasheet
52Kb / 1P
   Power Transistor (−80V, −4A)
2SC5574 ROHM-2SC5574 Datasheet
54Kb / 1P
   Power Transistor (80V, 4A)
2SA1635 ROHM-2SA1635 Datasheet
61Kb / 2P
   Power Transistor (-80V, -4A)
logo
Unisonic Technologies
BTA04A UTC-BTA04A Datasheet
158Kb / 3P
   4A TRIACS
logo
JIEJIE MICROELECTRONICS...
BTA04 JIEJIE-BTA04 Datasheet
662Kb / 6P
   4A TRIACs
Z04 JIEJIE-Z04 Datasheet
540Kb / 4P
   4A TRICs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com