Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S Datasheet(PDF) 3 Page - Panasonic Battery Group

Part # S
Description  2a2b/3a1b/4a 4A polarized power relays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

S Datasheet(HTML) 3 Page - Panasonic Battery Group

  S Datasheet HTML 1Page - Panasonic Battery Group S Datasheet HTML 2Page - Panasonic Battery Group S Datasheet HTML 3Page - Panasonic Battery Group S Datasheet HTML 4Page - Panasonic Battery Group S Datasheet HTML 5Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
S
ASCTB207E 201202-T
2) 2 coil latching
2. Specifications
Notes: *1. This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the
actual load.
*2. The upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. Refer to Usage, transport and storage
conditions in NOTES.
Type
Nominal coil
voltage
Set voltage
(at 20
°C 68°F)
Reset voltage
(at 20
°C 68°F)
Nominal operating
current [
±10%]
(at 20
°C 68°F)
Coil resistance
[
±10%]
(at 20
°C 68°F)
Nominal operating
power
(at 20
°C 68°F)
Coil inductance
Max. applied
voltage
(at 40
°C 104°F)
Set coil
Reset
coil
Set coil
Reset
coil
Set coil
Reset
coil
Set coil
Reset
coil
Standard
3V DC
70%V or less
of nominal
voltage
(Initial)
70%V or less
of nominal
voltage
(Initial)
66.7mA
66.7mA
45
45
200mW
200mW
Approx.
10mH
Approx.
10mH
5.5V DC
5V DC
38.5mA
38.5mA
130
130
192mW
192mW
Approx.
31mH
Approx.
31mH
9.0V DC
6V DC
33.7mA
33.7mA
180
180
200mW
200mW
Approx.
40mH
Approx.
40mH
11.0V DC
12V DC
16.7mA
16.7mA
720
720
200mW
200mW
Approx.
170mH
Approx.
170mH
22.0V DC
24V DC
8.4mA
8.4mA
2,850
2,850
202mW
202mW
Approx.
680mH
Approx.
680mH
44.0V DC
48V DC
7.4mA
7.4mA
6,500
6,500
355mW
355mW
Approx.
1,250mH
Approx.
1,250mH
65.0V DC
Characteristics
Item
Specifications
Contact
Arrangement
2 Form A 2 Form B, 3 Form A 1 Form B, 4 Form A
Contact resistance (Initial)
Max. 50 m
Ω (By voltage drop 6 V DC 1A)
Electrostatic capacitance (initial)
Approx. 3pF
Contact material
Au clad Ag alloy (Cd free)
Thermal electromotive force (at nominal coil voltage)
(initial)
Approx. 3
µV
Rating
Nominal switching capacity (resistive load)
4 A 250 V AC, 3 A 30 V DC
Max. switching power (resistive load)
1,000 VA, 90 W
Max. switching voltage
250 V AC, 48 V DC (30 to 48 V DC at less than 0.5 A)
Max. switching current
4 A (AC), 3 A (DC)
Minimum operating power
100 mW (Single side stable, 2 coil latching)
Nominal operating power
200 mW (Single side stable, 2 coil latching)
Min. switching capacity (Reference value)*1
100
µA 100 m V DC
Electrical
characteristics
Insulation resistance (Initial)
Min. 10,000M
Ω (at 500V DC)
Measurement at same location as “Breakdown voltage” section.
Breakdown voltage
(Initial)
Between open contacts
750 Vrms for 1min. (Detection current: 10mA.)
Between contact sets
1,000 Vrms for 1min. (Detection current: 10mA.)
Between contact and coil
1,500 Vrms for 1min. (Detection current: 10mA.)
Temperature rise (coil) (at 20
°C 68°F)
Max. 35
°C
(By resistive method, nominal coil voltage applied to the coil; contact carrying current: 4A.)
Operate time [Set time] (at 20
°C 68°F)
Max. 15 ms [15 ms] (Nominal coil voltage applied to the coil, excluding contact bounce time.)
Release time [Reset time] (at 20
°C 68°F)
Max. 10 ms [15 ms] (Nominal coil voltage applied to the coil, excluding contact bounce time.)
(without diode)
Mechanical
characteristics
Shock resistance
Functional
Min. 490 m/s2 (Half-wave pulse of sine wave: 11 ms; detection time: 10
µs.)
Destructive
Min. 980 m/s2 (Half-wave pulse of sine wave: 6 ms.)
Vibration resistance
Functional
10 to 55 Hz at double amplitude of 3 mm (Detection time: 10
µs.)
Destructive
10 to 55 Hz at double amplitude of 4 mm
Expected life
Mechanical
Min. 108 (at 50 cps)
Electrical
Min. 105 (4 A 250 V AC), Min. 2
×105 (3 A 30 V DC) (at 20 times/min.)
Conditions
Conditions for operation, transport and storage*2
Ambient temperature: –55
°C to +65°C –67°F to +149°F
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
Max. operating speed
20 times/min. for maximum load, 50 cps for low-level load (1 mA 1 V DC)
Unit weight
Approx. 8 g .28 oz


Similar Description - S

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1933 ROHM-2SD1933 Datasheet
39Kb / 1P
   Power Transistor (-80V, -4A)
logo
Mospec Semiconductor
2N3740 MOSPEC-2N3740 Datasheet
120Kb / 3P
   POWER TRANSISTORS(4A,25W)
logo
Rohm
2SB1568 ROHM-2SB1568 Datasheet
78Kb / 4P
   Power Transistor (-80V, -4A)
2SB1474 ROHM-2SB1474 Datasheet
53Kb / 1P
   Power Transistor (-80V, -4A)
2SB1644 ROHM-2SB1644 Datasheet
52Kb / 1P
   Power Transistor (−80V, −4A)
2SC5574 ROHM-2SC5574 Datasheet
54Kb / 1P
   Power Transistor (80V, 4A)
2SA1635 ROHM-2SA1635 Datasheet
61Kb / 2P
   Power Transistor (-80V, -4A)
logo
Unisonic Technologies
BTA04A UTC-BTA04A Datasheet
158Kb / 3P
   4A TRIACS
logo
JIEJIE MICROELECTRONICS...
BTA04 JIEJIE-BTA04 Datasheet
662Kb / 6P
   4A TRIACs
Z04 JIEJIE-Z04 Datasheet
540Kb / 4P
   4A TRICs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com