Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMPC8315CVRAGDA Datasheet(PDF) 103 Page - Freescale Semiconductor, Inc

Part # KMPC8315CVRAGDA
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KMPC8315CVRAGDA Datasheet(HTML) 103 Page - Freescale Semiconductor, Inc

Back Button KMPC8315CVRAGDA Datasheet HTML 98Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 99Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 100Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 101Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 102Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 103Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 104Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 105Page - Freescale Semiconductor, Inc KMPC8315CVRAGDA Datasheet HTML 106Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 103 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
103
Ordering Information
This table summarizes the signal impedance targets. The driver impedance are targeted at minimum VDD,
nominal NVDD, 105
C.
26.6
Configuration Pin Multiplexing
The MPC8315E provides the user with power-on configuration options that can be set through the use of
external pull-up or pull-down resistors of 4.7 k
 on certain output pins (see customer visible configuration
pins). These pins are generally used as output only pins in normal operation.
While HRESET is asserted however, these pins are treated as inputs. The value presented on these pins
while HRESET is asserted, is latched when PORESET deasserts, at which time the input receiver is
disabled and the I/O circuit takes on its normal function. Careful board layout with stubless connections
to these pull-up/pull-down resistors coupled with the large value of the pull-up/pull-down resistor should
minimize the disruption of signal quality or speed for output pins thus configured.
26.7
Pull-Up Resistor Requirements
The MPC8315E requires high resistance pull-up resistors (10 k
 is recommended) on open drain type pins
including I2C pins and EPIC interrupt pins.
For more information on required pull up resistors and the connections required for JTAG interface, see
AN3438, MPC8315 Design Checklist
27
Ordering Information
Ordering information for the parts fully covered by this specification document is provided in
Section 27.1, “Part Numbers Fully Addressed by this Document.”
27.1
Part Numbers Fully Addressed by this Document
This table provides the Freescale part numbering nomenclature for the MPC8315E. Note that the
individual part numbers correspond to a maximum processor core frequency. For available frequencies,
contact your local Freescale sales office. In addition to the processor frequency, the part numbering scheme
Table 80. Impedance Characteristics
Impedance
Local Bus, Ethernet,
DUART, Control,
Configuration, Power
Management
PCI Signals
(not including PCI
Output Clocks)
PCI Output Clocks
(including
PCI_SYNC_OUT)
DDR DRAM
Symbol
Unit
RN
42 Target
25 Target
42 Target
20 Target
Z0
RP
42 Target
25 Target
42 Target
20 Target
Z0
Differential
NA
NA
NA
NA
ZDIFF
Note: Nominal supply voltages. See Table 1, Tj = 105C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com