Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C-1001E-A Datasheet(PDF) 3 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # C-1001E-A
Description  1.00 INCH SINGLE DIGIT DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

C-1001E-A Datasheet(HTML) 3 Page - PARA LIGHT ELECTRONICS CO., LTD.

  C-1001E-A Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. C-1001E-A Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. C-1001E-A Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. C-1001E-A Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. C-1001E-A Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. C-1001E-A Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. C-1001E-A Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. C-1001E-A Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. C-1001E-A Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
1.00
INCH
SINGLE
DIGIT
DISPLAY
C-1001E-A G/W
REV:A / 0
FEATURES
Û
25.20mm (1.00 inch ) DIGIT HEIGHT
Û
COMMON CATHODE
Û
I.C. COMPATIBLE
Û
LOW POWER CONSUMPTION
Û
Pb FREE PRODUCTS
Û
GRAY FACE,WHITE SEGMENTS
Raw Material : GaAsP/GaP
ABSOLUTE MAXIMUM RATING : ( Ta = 25℃ )
SYMBOL
PARAMETER
HI.EFFI RED
UNIT
PD
Power Dissipation Per Segment
140
mW
VR
Reverse Voltage Per Segment(DP)
10(5)
V
IAF
Continuous Forward Current Per Segment
25
mA
IPF
Peak Forward Current Per Segment
(1/10 Duty Cycle,0.1ms Pulse Width)
100
mA
Derating
Linear From 25℃ Per Segment
0.33
mA/℃
Topr
Operating Temperature Range
-35℃ to 85℃
Tstg
Storage Temperature Range
-35℃ to 85℃
ELECTRO-OPTICAL CHARACTERISTICS : ( Ta = 25℃ )
SYMBOL
PARAMETER
TEST
CONDITION
MIN.
TYP.
MAX.
UNIT
VF
Forward Voltage , Per Segment(DP)
IF = 20mA
4.2(2.1) 5.6(2.8)
V
IR
Reverse Current , Per Segment(DP)
VR = 10(5)V
100
μA
λP
Peak Emission Wavelength
IF = 20mA
632
nm
λD
Dominant Wavelength
IF = 20mA
622
nm
Δλ
Spectral Line Half-Width
IF = 20mA
35
nm
IV
Luminous Intensity Per Segment
IF = 10mA
1.7
4.2
mcd
BIN CODE ( IF = 10mA )
BIN
CODE
E
F
G
H
I
J
IV(mcd)
1.7-2.55
2.56-3.46
3.47-4.41
4.42-6.43
6.44-8.54
8.55-10.52
TOLERANCE IS:
±15%
DRAWING NO. : DS-11-11-0037G
DATE : 2011-01-27
Page : 3
LD-R/RD014
Release
by
PARALIGHTDCC


Similar Part No. - C-1001E-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-1001E ETC1-C-1001E Datasheet
96Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Similar Description - C-1001E-A

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
A-1001G-A PARALIGHT-A-1001G-A Datasheet
195Kb / 10P
   1.00 INCH SINGLE DIGIT DISPLAY
C-1001G PARALIGHT-C-1001G Datasheet
223Kb / 11P
   1.00 INCH SINGLE DIGIT DISPLAY
C-1001SR PARALIGHT-C-1001SR Datasheet
206Kb / 11P
   1.00 INCH SINGLE DIGIT DISPLAY
A-1001Y PARALIGHT-A-1001Y Datasheet
210Kb / 11P
   1.00 INCH SINGLE DIGIT DISPLAY
A-1001SRD-A PARALIGHT-A-1001SRD-A Datasheet
197Kb / 10P
   1.00 INCH SINGLE DIGIT DISPLAY
A-1001E PARALIGHT-A-1001E Datasheet
196Kb / 10P
   1.00 INCH SINGLE DIGIT DISPLAY
C-1001Y PARALIGHT-C-1001Y Datasheet
192Kb / 10P
   1.00 INCH SINGLE DIGIT DISPLAY
A-1001UB-A PARALIGHT-A-1001UB-A Datasheet
195Kb / 10P
   1.00 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-1116M9 CHINASEMI-CSS-1116M9 Datasheet
198Kb / 6P
   1.00 Inch Single Digit Alphanumeric Display
logo
Ningbo Foryard Optoelec...
FYS-10012AX-00 FORYARD-FYS-10012AX-00 Datasheet
401Kb / 5P
   1.00 Inch (25.40mm) digit height Single Digit Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com