Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L-03C0N8SV4T Datasheet(PDF) 2 Page - Johanson Technology Inc.

Part # L-03C0N8SV4T
Description  RF CERAMIC CHIP INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

L-03C0N8SV4T Datasheet(HTML) 2 Page - Johanson Technology Inc.

  L-03C0N8SV4T Datasheet HTML 1Page - Johanson Technology Inc. L-03C0N8SV4T Datasheet HTML 2Page - Johanson Technology Inc. L-03C0N8SV4T Datasheet HTML 3Page - Johanson Technology Inc. L-03C0N8SV4T Datasheet HTML 4Page - Johanson Technology Inc. L-03C0N8SV4T Datasheet HTML 5Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
16
www.johansontechnology.com
17
www.johansontechnology.com
0402 INDUCTANCE RANGE / ELECTRICAL CHARACTERISTICS
Part Number
Inductance
Tolerance
Q (Min.)
L/Q Freq.
Typical SRF
DC Resistance Max Rated Current
L-07C1N0*V6T
1.0 nH
± 0.2 or 0.3 nH
8
100 MHz
>15000 MHz
0.12
300 mA
L-07C1N2SV6T
1.2 nH
± 0.3 nH
8
100 MHz
>15000 MHz
0.12
300 mA
L-07C1N5SV6T
1.5 nH
± 0.3 nH
8
100 MHz
>15000 MHz
0.13
300 mA
L-07C1N6SV6T
1.6 nH
± 0.3 nH
8
100 MHz
14000 MHz
0.14
300 mA
L-07C1N8SV6T
1.8 nH
± 0.3 nH
8
100 MHz
14000 MHz
0.14
300 mA
L-07C1N9SV6T
1.9 nH
± 0.3 nH
8
100 MHz
13000 MHz
0.15
300 mA
L-07C2N0SV6T
2.0 nH
± 0.3 nH
8
100 MHz
12000 MHz
0.16
300 mA
L-07C2N2SV6T
2.2 nH
± 0.3 nH
8
100 MHz
12000 MHz
0.16
300 mA
* = Choice of C or S Tolerance, @ = S or K Tolerance, # = J or K Tolerance
17
www.johansontechnology.com
0201 INDUCTANCE RANGE / ELECTRICAL CHARACTERISTICS
Part Number
Inductance
Tolerance
Q (Min.)
L/Q Freq.
Typical SRF
DC Resistance Max Rated Current
L-05C0N6CV4T
0.6 nH
± 0.2 nH
4
100 MHz
>13000 MHz
0.12
300 mA
L-05C0N7CV4T
0.7 nH
± 0.2 nH
4
100 MHz
>13000 MHz
0.12
300 mA
L-05C0N8CV4T
0.8 nH
± 0.2 nH
4
100 MHz
>13000 MHz
0.12
300 mA
L-05C0N9CV4T
0.9 nH
± 0.2 nH
4
100 MHz
>13000 MHz
0.12
300 mA
L-05C1N0*V4T
1.0 nH
± 0.2 or ± 0.3 nH
4
100 MHz
>13000 MHz
0.12
300 mA
L-05C1N2*V4T
1.2 nH
± 0.2 or ± 0.3 nH
4
100 MHz
>13000 MHz
0.15
300 mA
L-05C1N3*V4T
1.3 nH
± 0.2 or ± 0.3 nH
4
100 MHz
>13000 MHz
0.15
300 mA
L-05C1N5*V4T
1.5 nH
± 0.2 or ± 0.3 nH
4
100 MHz
>13000 MHz
0.18
300 mA
L-05C1N8SV4T
1.8 nH
± 0.3 nH
4
100 MHz
10500 MHz
0.22
300 mA
L-05C2N2SV4T
2.2 nH
± 0.3 nH
4
100 MHz
9500 MHz
0.26
300 mA
L-05C2N3SV4T
2.3 nH
± 0.3 nH
4
100 MHz
9200 MHz
0.28
300 mA
L-05C2N4SV4T
2.4 nH
± 0.3 nH
4
100 MHz
9000 MHz
0.30
300 mA
L-05C2N5SV4T
2.5 nH
± 0.3 nH
4
100 MHz
9000 MHz
0.30
300 mA
L-05C2N7SV4T
2.7 nH
± 0.3 nH
4
100 MHz
8500 MHz
0.32
300 mA
L-05C3N0@V4T
3.0 nH
± 0.3 nH ±10%
4
100 MHz
8000 MHz
0.36
300 mA
L-05C3N3@V4T
3.3 nH
± 0.3 nH ±10%
4
100 MHz
7500 MHz
0.38
300 mA
L-05C3N6@V4T
3.6 nH
± 0.3 nH ±10%
4
100 MHz
7000 MHz
0.43
300 mA
L-05C3N7@V4T
3.7 nH
± 0.3 nH ±10%
4
100 MHz
6900 MHz
0.44
300 mA
L-05C3N9@V4T
3.9 nH
± 0.3 nH ±10%
4
100 MHz
6800 MHz
0.45
300 mA
L-05C4N7@V4T
4.7 nH
± 0.3 nH ±10%
4
100 MHz
6000 MHz
0.50
300 mA
L-05C5N1@V4T
5.1 nH
± 0.3 nH ±10%
5
100 MHz
5700 MHz
0.55
300 mA
L-05C5N6@V4T
5.6 nH
± 0.3 nH ±10%
5
100 MHz
5500 MHz
0.60
300 mA
L-05C6N8#V4T
6.8 nH
±5% ±10%
5
100 MHz
4800 MHz
0.70
250 mA
L-05C8N2#V4T
8.2 nH
±5% ±10%
5
100 MHz
4600 MHz
0.90
250 mA
L-05C10N#V4T
10.0 nH
±5% ±10%
5
100 MHz
4000 MHz
1.20
250 mA
L-05C12N#V4T
12.0 nH
±5% ±10%
5
100 MHz
3500 MHz
1.30
250 mA
L-05C13N#V4T
13.0 nH
±5% ±10%
5
100 MHz
3500 MHz
1.35
250 mA
L-05C15N#V4T
15.0 nH
±5% ±10%
5
100 MHz
3000 MHz
1.40
250 mA
L-05C18N#V4T
18.0 nH
±5% ±10%
5
100 MHz
2500 MHz
1.50
200 mA
L-05C22N#V4T
22.0 nH
±5% ±10%
5
100 MHz
2200 MHz
1.80
200 mA
L-05C27N#V4T
27.0 nH
±5% ±10%
5
100 MHz
1800 MHz
2.00
200 mA
L-05C33N#V4T
33.0 nH
±5% ±10%
5
100 MHz
1500 MHz
2.30
200 mA
L-05C39N#V4T
39.0 nH
±5% ±10%
5
100 MHz
1400 MHz
2.50
200 mA
01005 INDUCTANCE RANGE / ELECTRICAL CHARACTERISTICS
Part Number
Inductance
Tolerance
Q (Min.)
Q (Typ.)
Q Typ.
Q Typ.
Typical SRF
DC
Rated
@ 100 MHz
@ 100 MHz @ 100 MHz @ 900 MHz @ 1800 MHz
Max
Resistance Current
L-03C0N8SV4T
0.8 nH
+/- 0.3 nH
2
3
10
5
> 13500 MHz
0.20
200 mA
L-03C1N0SV4T
1.0 nH
+/- 0.3 nH
2
3
10
5
> 13500 MHz
0.20
200 mA
L-03C1N2SV4T
1.2 nH
+/- 0.3 nH
2
3
10
5
> 13500 MHz
0.22
200 mA
L-03C1N5SV4T
1.5 nH
+/- 0.3 nH
2
3
10
5
> 13500 MHz
0.24
200 mA
L-03C1N8SV4T
1.8 nH
+/- 0.3 nH
2
3
10
5
> 13500 MHz
0.30
200 mA
L-03C2N2SV4T
2.2 nH
+/- 0.3 nH
2
3
10
5
12300
0.44
200 mA
L-03C2N7SV4T
2.7 nH
+/- 0.3 nH
2
3
10
5
11700
0.50
200 mA
L-03C3N3SV4T
3.3 nH ± 0.3 nH or ±10%
2
3
10
5
9800
0.55
200 mA
L-03C3N9SV4T
3.9 nH ± 0.3 nH or ±10%
2
3
10
5
8200
0.60
200 mA


Similar Part No. - L-03C0N8SV4T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
L-03C0N8SV4T JOHANSON-L-03C0N8SV4T Datasheet
317Kb / 5P
   RF CERAMIC CHIP INDUCTORS
L-03C0N8SV4T JOHANSON-L-03C0N8SV4T Datasheet
317Kb / 5P
   RF CERAMIC CHIP INDUCTORS
More results

Similar Description - L-03C0N8SV4T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
L-05B10NCV4T JOHANSON-L-05B10NCV4T Datasheet
113Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-14C47NJV4T JOHANSON-L-14C47NJV4T Datasheet
512Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
WC705 PULSE-WC705 Datasheet
614Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-07C8N2JV6T JOHANSON-L-07C8N2JV6T Datasheet
113Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
WC704 PULSE-WC704 Datasheet
618Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-07C1N0SV6T JOHANSON-L-07C1N0SV6T Datasheet
486Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
PE-0402CL PULSE-PE-0402CL Datasheet
1,002Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-05B15NJV6T JOHANSON-L-05B15NJV6T Datasheet
486Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-14C12NJV4T JOHANSON-L-14C12NJV4T Datasheet
512Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-07C6N2SV6T JOHANSON-L-07C6N2SV6T Datasheet
512Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-05B3N0KV6T JOHANSON-L-05B3N0KV6T Datasheet
229Kb / 3P
   RF ceRaMic chiP inDUcToRs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com