Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L-03C1N0SV4T Datasheet(PDF) 5 Page - Johanson Technology Inc.

Part # L-03C1N0SV4T
Description  RF CERAMIC CHIP INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

L-03C1N0SV4T Datasheet(HTML) 5 Page - Johanson Technology Inc.

  L-03C1N0SV4T Datasheet HTML 1Page - Johanson Technology Inc. L-03C1N0SV4T Datasheet HTML 2Page - Johanson Technology Inc. L-03C1N0SV4T Datasheet HTML 3Page - Johanson Technology Inc. L-03C1N0SV4T Datasheet HTML 4Page - Johanson Technology Inc. L-03C1N0SV4T Datasheet HTML 5Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
20
www.johansontechnology.com
21
www.johansontechnology.com
www.johansontechnology.com
1.0
10
100
500
0.01
0.1
1.0
10
Frequency (GHz)
47N
27N
15N
6N8
3N3
1N5
INDUCTANCE VS FREQUENCY: SIZE 0402
Frequency (GHz)
1.0
10
100
1000
0.01
0.1
1.0
10
Frequency (GHz)
R10
56N
27N
12N
4N7
2N2
INDUCTANCE VS FREQUENCY: SIZE 0603
Frequency (GHz)
1.0
10
100
1000
0.01
0.1
1.0
10
Frequency (GHz)
R10
56N
27N
12N
4N7
2N2
R15
INDUCTANCE VS FREQUENCY: SIZE 0805
Frequency (GHz)
0
20
40
60
80
100
0.01
0.1
1.0
10
Frequency (GHz)
1N5
3N3
6N8
15N
47N
27N
Q VS FREQUENCY: SIZE 0402
Frequency (GHz)
0
20
40
60
80
100
0.01
0.1
1.0
10
Frequency (GHz)
2N2
4N7
12N
27N
R10
56N
Q VS FREQUENCY: SIZE 0603
Frequency (GHz)
0
50
100
150
0.01
0.1
1.0
10
Frequency (GHz)
2N2
4N7
12N
27N
R10
56N
R15
Q VS FREQUENCY: SIZE 0805
Frequency (GHz)
RF CHARACTERISTICS CHARACTERISTICS (TYPICAL)
MECHANICAL & ENVIRONMENTAL CHARACTERISTICS
SOLDERABILITY:
RESISTANCE TO SOLDERING:
THERMAL SHOCK:
LIFE TEST:
HUMIDITY RESISTANCE:
TERMINAL ADHESION:
PCB DEFLECTION:
SPECIFICATION
TEST PARAMETERS
Solder coverage
≥ 75% of electrodes L=±10% Q=± 20%
Preheat 120±20°C for 1 min. Dip 230±10°C for 3±1 sec.
No apparent damage Solder coverage
≥ 75% L=±10% Q=± 20%
Preheat 120±20°C for 1 min. Dip 260±10°C for 10±1 sec.
No apparent damage L=±10% Q=± 20%
100 cycles: 30±3 minutes @ +100°C then 30±3 min. @ -40°C
No apparent damage L=±10% Q=± 20%
1000 ±48 Hours @ +85±2°C, rated current (1-2 hour recovery)
Inductance change: 2% or .5pF Max
1000 ±48 Hours @ +40±2°C, 90-95% relative humidity,
rated current (1-2 hour recovery)
Termination should not pull off.
Lateral pull force: 0201
≥1.0Lbs 0402 ≥1.6Lbs
Ceramic should remain undamaged.
For 0603
≥ 2.2Lbs For 0805 ≥4.4Lbs
No mechanical damage.
Glass Epoxy PCB: 1 mm deflection


Similar Part No. - L-03C1N0SV4T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
L-03C1N0SV4T JOHANSON-L-03C1N0SV4T Datasheet
317Kb / 5P
   RF CERAMIC CHIP INDUCTORS
L-03C1N0SV4T JOHANSON-L-03C1N0SV4T Datasheet
317Kb / 5P
   RF CERAMIC CHIP INDUCTORS
More results

Similar Description - L-03C1N0SV4T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
L-05B10NCV4T JOHANSON-L-05B10NCV4T Datasheet
113Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-14C47NJV4T JOHANSON-L-14C47NJV4T Datasheet
512Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
WC705 PULSE-WC705 Datasheet
614Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-07C8N2JV6T JOHANSON-L-07C8N2JV6T Datasheet
113Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
WC704 PULSE-WC704 Datasheet
618Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-07C1N0SV6T JOHANSON-L-07C1N0SV6T Datasheet
486Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
PE-0402CL PULSE-PE-0402CL Datasheet
1,002Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-05B15NJV6T JOHANSON-L-05B15NJV6T Datasheet
486Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-14C12NJV4T JOHANSON-L-14C12NJV4T Datasheet
512Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-07C6N2SV6T JOHANSON-L-07C6N2SV6T Datasheet
512Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-05B3N0KV6T JOHANSON-L-05B3N0KV6T Datasheet
229Kb / 3P
   RF ceRaMic chiP inDUcToRs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com