Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 143 Page - ATMEL Corporation

Part # AT90PWM2
Description  High Performance, Low Power Atmel
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 143 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 139Page - ATMEL Corporation AT90PWM2 Datasheet HTML 140Page - ATMEL Corporation AT90PWM2 Datasheet HTML 141Page - ATMEL Corporation AT90PWM2 Datasheet HTML 142Page - ATMEL Corporation AT90PWM2 Datasheet HTML 143Page - ATMEL Corporation AT90PWM2 Datasheet HTML 144Page - ATMEL Corporation AT90PWM2 Datasheet HTML 145Page - ATMEL Corporation AT90PWM2 Datasheet HTML 146Page - ATMEL Corporation AT90PWM2 Datasheet HTML 147Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 365 page
background image
143
4317K–AVR–03/2013
AT90PWM2/3/2B/3B
16.7.1
Frequency distribution
The frequency modulation is done by switching two frequencies in a 16 consecutive cycle frame.
These two frequencies are fb1 and fb2 where fb1 is the nearest base frequency above the wanted
frequency and fb2 is the nearest base frequency below the wanted frequency. The number of fb1
in the frame is (d-16) and the number of fb2 is d. The fb1 and fb2 frequencies are evenly distrib-
uted in the frame according to a predefined pattern. This pattern can be as given in the following
table or by any other implementation which give an equivalent evenly distribution.
Table 16-5.
Distribution of fb2 in the modulated frame
While ‘X’ in the table, fb2 prime to fb1 in cycle corresponding cycle.
So for each row, a number of fb2 take place of fb1.
Figure 16-12. Resulting Frequency versus d.
Distribution of fb2 in the modulated frame
PWM - cycle
Fraction
al
Divider
(d)
0123
4567
8910
11
12
13
14
15
0
1X
2X
X
3
XXX
4
XXXX
5
X
X
XXX
6X
X
X
X
X
X
7
X
XX
XX
XX
8
X
XX
XX
XX
X
9
X
X
X
XX
XX
XX
10
XXX
X
X
XXX
X
X
11
XXX
XXX
XXX
X
X
12
XXX
XXX
XXX
XXX
13
XXXX
XXX
XXX
XXX
14
XXXX
XXX
XXXX
XXX
15
XXXX
XXXX
XXXX
XXX
fb1
fb2
d:
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
f
OP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com