Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 160 Page - ATMEL Corporation

Part # AT90PWM2
Description  High Performance, Low Power Atmel
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 160 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 156Page - ATMEL Corporation AT90PWM2 Datasheet HTML 157Page - ATMEL Corporation AT90PWM2 Datasheet HTML 158Page - ATMEL Corporation AT90PWM2 Datasheet HTML 159Page - ATMEL Corporation AT90PWM2 Datasheet HTML 160Page - ATMEL Corporation AT90PWM2 Datasheet HTML 161Page - ATMEL Corporation AT90PWM2 Datasheet HTML 162Page - ATMEL Corporation AT90PWM2 Datasheet HTML 163Page - ATMEL Corporation AT90PWM2 Datasheet HTML 164Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 365 page
background image
160
4317K–AVR–03/2013
AT90PWM2/3/2B/3B
This signal can be selected between all falling or rising edge of PSCn0 or PSCn1 outputs.
In center aligned mode, OCRnRAH/L is not used, so it can be used to specified the synchroniza-
tion of the ADC. It this case, it’s minimum value is 1.
16.21 Interrupt Handling
As each PSC can be dedicated for one function, each PSC has its own interrupt system (vector
...)
List of interrupt sources:
•
Counter reload (end of On Time 1)
•
PSC Input event (active edge or at the beginning of level configured event)
•
PSC Mutual Synchronization Error
16.22 PSC Synchronization
2 or 3 PSC can be synchronized together. In this case, two waveform alignments are possible:
•
The waveforms are center aligned in the Center Aligned mode if master and slaves are all
with the same PSC period (which is the natural use).
•
The waveforms are edge aligned in the 1, 2 or 4 ramp mode
Figure 16-38. PSC Run Synchronization
If the PSCn has its PARUNn bit set, then it can start at the same time as PSCn-1.
PRUNn and PARUNn bits are located in PCTLn register. See “PSC 0 Control Register – PCTL0”
on page 166. See “PSC 1 Control Register – PCTL1” on page 167. See “PSC 2 Control Register
– PCTL2” on page 168.
Note: Do not set the PARUNn bits on the three PSC at the same time.
PARUN0
PRUN0
Run PSC0
PSC0
PARUN1
PRUN1
Run PSC1
PSC1
PARUN2
PRUN2
Run PSC2
PSC2
SY0Out
SY0In
SY1In
SY2In
SY1Out
SY2Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com