Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 227 Page - ATMEL Corporation

Part # AT90PWM2
Description  High Performance, Low Power Atmel
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 227 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 223Page - ATMEL Corporation AT90PWM2 Datasheet HTML 224Page - ATMEL Corporation AT90PWM2 Datasheet HTML 225Page - ATMEL Corporation AT90PWM2 Datasheet HTML 226Page - ATMEL Corporation AT90PWM2 Datasheet HTML 227Page - ATMEL Corporation AT90PWM2 Datasheet HTML 228Page - ATMEL Corporation AT90PWM2 Datasheet HTML 229Page - ATMEL Corporation AT90PWM2 Datasheet HTML 230Page - ATMEL Corporation AT90PWM2 Datasheet HTML 231Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 365 page
background image
227
4317K–AVR–03/2013
AT90PWM2/3/2B/3B
20. Analog Comparator
The Analog Comparator compares the input values on the positive pin ACMPx and negative pin
ACMPM.
20.1
Overview
The AT90PWM2/2B/3/3B features three fast analog comparators.
Each comparator has a dedicated input on the positive input, and the negative input can be con-
figured as:
•
a steady value among the 4 internal reference levels defined by the Vref selected thanks to
the REFS1:0 bits in ADMUX register.
•
a value generated from the internal DAC
•
an external analog input ACMPM.
When the voltage on the positive ACMPn pin is higher than the voltage selected by the ACnM
multiplexer on the negative input, the Analog Comparator output, ACnO, is set.
The comparator is a clocked comparator. A new comparison is done on the falling edge of
CLK
I/O or CLKI/O/2 ( Depending on ACCKDIV fit of ACSR register, See “Analog Comparator Sta-
tus Register – ACSR” on page 231.).
Each comparator can trigger a separate interrupt, exclusive to the Analog Comparator. In addi-
tion, the user can select Interrupt triggering on comparator output rise, fall or toggle.
The interrupt flags can also be used to synchronize ADC or DAC conversions.
Moreover, the comparator’s output of the comparator 1 can be set to trigger the Timer/Counter1
Input Capture function.
A block diagram of the three comparators and their surrounding logic is shown in Figure 20-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com