Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 317 Page - ATMEL Corporation

Part # AT90PWM2
Description  High Performance, Low Power Atmel
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 317 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 313Page - ATMEL Corporation AT90PWM2 Datasheet HTML 314Page - ATMEL Corporation AT90PWM2 Datasheet HTML 315Page - ATMEL Corporation AT90PWM2 Datasheet HTML 316Page - ATMEL Corporation AT90PWM2 Datasheet HTML 317Page - ATMEL Corporation AT90PWM2 Datasheet HTML 318Page - ATMEL Corporation AT90PWM2 Datasheet HTML 319Page - ATMEL Corporation AT90PWM2 Datasheet HTML 320Page - ATMEL Corporation AT90PWM2 Datasheet HTML 321Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 365 page
background image
317
4317K–AVR–03/2013
AT90PWM2/3/2B/3B
It is possible to calculate the typical current consumption based on the numbers from Table 27-2
for other V
CC and frequency settings than listed in Table 27-1.
27.2.1.1
Example 1
Calculate the expected current consumption in idle mode with USART, TIMER1, and SPI
enabled at V
CC = 3.0V and F = 1MHz. From Table 27-2, third column, we see that we need to
add 18% for the USART, 26% for the SPI, and 11% for the TIMER1 module. Reading from Fig-
ure 27-5
, we find that the idle current consumption is ~0,17mA at V
CC = 3.0V and F = 1MHz. The
total current consumption in idle mode with USART0, TIMER1, and SPI enabled, gives:
27.2.1.2
Example 2
Same conditions as in example 1, but in active mode instead. From Table 27-2, second column
we see that we need to add 3.3% for the USART, 4.8% for the SPI, and 2.0% for the TIMER1
module. Reading from Figure 27-1, we find that the active current consumption is ~0,6mA at V
CC
= 3.0V and F = 1MHz. The total current consumption in idle mode with USART, TIMER1, and
SPI enabled, gives:
27.2.1.3
Example 3
All I/O modules should be enabled. Calculate the expected current consumption in active mode
at V
CC = 3.6V and F = 10MHz. We find the active current consumption without the I/O modules
to be ~ 7.0mA (from Figure 27-2). Then, by using the numbers from Table 27-2 - second column,
we find the total current consumption:
Table 27-2.
Additional Current Consumption (percentage) in Active and Idle mode
PRR bit
Additional Current consumption
compared to Active with external
clock
(see Figure 27-1 and Figure 27-2)
Additional Current consumption
compared to Idle with external clock
(see Figure 27-5 and Figure 27-6)
PRPSC2
10%
25%
PRPSC1
10%
25%
PRPSC0
10%
25%
PRTIM1
8.5%
22%
PRTIM0
4.3%
11%
PRSPI
5.3%
14%
PRUSART
15.6
36
PRADC
10.5%
25%
ICCtotal
0.17mA
10.360.220.14
+++

0.29mA

ICCtotal
0.6mA
1
0.156
0.085
0.053
+++

0.77mA

CCtotal
7.0mA
1
0.1
0.1
0.1
0.085
0.043
0.053
0.156
0.105
+
+
+
++++
+

12.2mA




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com