Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 345 Page - ATMEL Corporation

Part # AT90PWM2
Description  High Performance, Low Power Atmel
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 345 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 341Page - ATMEL Corporation AT90PWM2 Datasheet HTML 342Page - ATMEL Corporation AT90PWM2 Datasheet HTML 343Page - ATMEL Corporation AT90PWM2 Datasheet HTML 344Page - ATMEL Corporation AT90PWM2 Datasheet HTML 345Page - ATMEL Corporation AT90PWM2 Datasheet HTML 346Page - ATMEL Corporation AT90PWM2 Datasheet HTML 347Page - ATMEL Corporation AT90PWM2 Datasheet HTML 348Page - ATMEL Corporation AT90PWM2 Datasheet HTML 349Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 365 page
background image
345
4317K–AVR–03/2013
AT90PWM2/3/2B/3B
30. Ordering Information
Note:
All packages are Pb free, fully LHF
Note:
This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information and
minimum quantities.
Note:
Parts numbers are for shipping in sticks (SO) or in trays (QFN). Thes devices can also be supplied in Tape and Reel. Please
contact your local Atmel sales office for detailed ordering information and minimum quantities.
Note:
16MQT = Trays
Note:
16MQ = Tape and Reel
Note:
PWM2 is not recommended for new designs, use PWM2B for your developments
Note:
PWM3 is not recommended for new designs, use PWM3B for your developments
Speed (MHz)
Power Supply
Ordering Code
Package
Operation Range
16
2.7 - 5.5V
AT90PWM3-16SQ
SO32
Extended (-4
0
C to
105
C)
16
2.7 - 5.5V
AT90PWM3-16MQT
QFN32
Extended (-4
0
C to
105
C)
16
2.7 - 5.5V
AT90PWM3-16MQ
QFN32
Extended (-4
0
C to
105
C)
16
2.7 - 5.5V
AT90PWM2-16SQ
SO24
Extended (-4
0
C to
105
C)
16
2.7 - 5.5V
AT90PWM3B-16SE
SO32
Engineering Samples
16
2.7 - 5.5V
AT90PWM3B-16ME
QFN32
Engineering Samples
16
2.7 - 5.5V
AT90PWM2B-16SE
SO24
Engineering Samples
16
2.7 - 5.5V
AT90PWM3B-16SU
SO32
Extended (-4
0
C to
105
C)
16
2.7 - 5.5V
AT90PWM3B-16MU
QFN32
Extended (-4
0
C to
105
C)
16
2.7 - 5.5V
AT90PWM2B-16SU
SO24
Extended (-4
0
C to
105
C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com