Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H-1203 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # H-1203
Description  New Bourns Amplifi er Potentiometer Design Kits Released
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

H-1203 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  H-1203 Datasheet HTML 1Page - Bourns Electronic Solutions H-1203 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRO A UDIO PRODUC T S
SC1107
PART NUMBERS
DESCRIPTION
QTY.
PDA241-HRT02-103A2
10 k
Ω,audio taper,15 %TR
1
PDA241-HRT02-504A2
500 k
Ω,audio taper,15 %TR
1
PDA241-HRT02-105A2
1 Meg
Ω,audio taper,15 %TR
1
PDA241-HRT02-502B0
5 k
Ω,linear taper,15 %TR
1
PDA241-HRT02-253B0
25 k
Ω,linear taper,15 %TR
1
PDA241-HRT02-254B0
250 k
Ω,linear taper,15 %TR
1
New Bourns® Amplifier Potentiometer Design Kits Released
Riverside, California - January 27, 2011 - In continuing support of the Professional Audio Market, Bourns®
Sensors and Controls is proud to announce the release of three new Amplifier Potentiometer Design Kits. Each kit
has a selection of popular resistance codes and tapers used in amplifiers. The kits are great for amplifier designers
and handy for amplifier technician service kits as well.
The Amplifier Potentiometer Design Kits include the following part numbers and quantities:
H-1203 Model 96 Premium Amplifier Potentiometer
H-1204 Model PDA241 Standard Amplifier
Design Kit
Potentiometer Design Kit
PART NUMBERS
DESCRIPTION
QTY.
96A1D-G28-S15L
10 k
Ω,audio taper,10 %TR
1
96A1D-G28-S23L
500 k
Ω,audio taper,10 %TR
1
96A1D-G28-S25L
1 Meg
Ω,audio taper,10 %TR
1
96A1D-G28-E13L
5 k
Ω,linear taper,10 %TR
1
96A1D-G28-E17L
25 k
Ω,linear taper,10 %TR
1
96A1D-G28-E22L
250 k
Ω,linear taper,10 %TR
1
H-1205 Model 53 Premium Amplifier Mini-Potentiometer
Design Kit
PART NUMBERS
DESCRIPTION
QTY.
53AAD-B28-S15L
10 k
Ω,audio taper,10 %TR
1
53AAD-B28-S23L
500 k
Ω,audio taper,10 %TR
1
53AAD-B28-S25L
1 Meg
Ω,audio taper,10 %TR
1
53AAD-B28-E13L
5 k
Ω,linear taper,10 %TR
1
53AAD-B28-E17L
25 k
Ω,linear taper,10 %TR
1
53AAD-B28-E22L
250 k
Ω,linear taper,10 %TR
1
These new Amplifier Potentiometer Kits are now available.


Similar Part No. - H-1203

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
H-1200 PENTAIR-H-1200 Datasheet
226Kb / 2P
   H-1200 TWO-STAGE DRINKING WATER SYSTEM
logo
Bourns Electronic Solut...
H-1201 BOURNS-H-1201 Datasheet
299Kb / 2P
   PDB241-GTR Series - 24 mm Guitar Potentiometer
H-1202 BOURNS-H-1202 Datasheet
341Kb / 2P
   17 mm Guitar Potentiometer
More results

Similar Description - H-1203

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
H-839 BOURNS-H-839 Datasheet
1Mb / 6P
   BOURNS OFFERS OVER 35 ASSORTED KITS
logo
API Technologies Corp
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
   Microwave Amplifi er
BXHF1059 APITECH-BXHF1059 Datasheet
744Kb / 2P
   Microwave Amplifi er
BX7967 APITECH-BX7967 Datasheet
101Kb / 2P
   RF Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-300E AVAGO-HCPL-7840-300E Datasheet
151Kb / 19P
   Isolation Amplifi er
logo
API Technologies Corp
BXHF1058 APITECH-BXHF1058 Datasheet
247Kb / 2P
   Microwave Amplifi er
BXHF1066 APITECH-BXHF1066 Datasheet
545Kb / 2P
   Microwave Amplifi er
BXHF1056 APITECH-BXHF1056 Datasheet
405Kb / 2P
   Microwave Amplifi er
BXHF1063 APITECH-BXHF1063 Datasheet
539Kb / 2P
   Microwave Amplifi er
BXHF1064 APITECH-BXHF1064 Datasheet
371Kb / 2P
   Microwave Amplifi er
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com