Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2211 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2211
Description  FSK DEMODULATOR / TONE DECODER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2211 Datasheet(HTML) 7 Page - New Japan Radio

  NJM2211 Datasheet HTML 1Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 1 page
background image
NJM2211
-7-
Ver.2003-12-09
■ APPLICATIONS
FSK Decoding
Figure 2 shows the basic circuit connection for FSK decoding. With reference to Figures 1 and 2, the functions of
external components are defined as follows : R0 and C0 set the PLL center frequency. R1 sets the system bandwidth,
and C1 sets the loop filter time constant and the loop damping factor. CF and RF from a one pole post-detection filter for
the FSK data output. The resistor RB (=510kΩ) from pin 7 to pin 8 introduces positive feedback across FSK comparator
to facilitate rapid transition between output logic states.
Recommended component values for some of the most commonly used FSK bauds are given in Table 1.
Design Instructions
The circuit of Figure 2 can be tailored for any FSK decoding application by the choice of five key circuit components ;
R0, R1, C0, C1 and CF. For a given set of FSK mark and space frequencies. f1 and f2, these parameters can be
calculated as follows :
1. Calculate PLL center frequency, f0
2
f
f
f
2
1
0
+
=
2. Chose a value of timing resistor R0 to be in the range of 10kΩ to 100kΩ. This choice is arbitary. The recommended
value is R0
≅ 20kΩ. The final value of R0 is normally fine-tuned with the series potentiometer, Rx.
3. Calculate value of C0 from Design Equation No.1 or from Typical Performance Characteristics :
C0=1 / R0f0
4. Calculate R1 to give a ∆f equal to the mark-space deviation :
R1=R0 [f0 / (f1 - f2)]
5. Calculate C1 to set loop damping. (See Design Equation No.4.)
Normally, ξ ≈ 1 / 2 is recommended
Then :C1=C0 / 4 for ξ =1 / 2
6. Calculate Data Filter Capacitance, CF :
For RF=100kΩ. RB=510kΩ, the recommended value of CF is :
Rate
Band
3
)
F
µ
in
(
CF
=
Note : All calculated component values except R0 can be rounded off to the nearest standard value, and R0 can be varied to fine-tune center
frequency through a series potentiometer, Rx (see Figure 2).
Table 1. Recommended Value for FSK
(Ref. Fig. 2)
FSK Band
Component Values
300 Band
C0=0.039µF CF=0.005µF
F1 =1070Hz
C1=0.01µF R0=18kΩ
f2 =1270Hz
R1=100kΩ
300 Band
C0=0.022µF CF=0.005µF
f1=2025Hz
C1=0.0047µF R0=18kΩ
f2=2225Hz
R1=200kΩ
1200 Band
C0=0.027µF CF=0.0022µF
f1=1200Hz
C1=0.01µF R0=18kΩ
f2=2200Hz
R1=30kΩ
Figure 2. FSK Decoding



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com