Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA124 Datasheet(PDF) 5 Page - Intersil Corporation

Part # CA124
Description  Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA124 Datasheet(HTML) 5 Page - Intersil Corporation

  CA124 Datasheet HTML 1Page - Intersil Corporation CA124 Datasheet HTML 2Page - Intersil Corporation CA124 Datasheet HTML 3Page - Intersil Corporation CA124 Datasheet HTML 4Page - Intersil Corporation CA124 Datasheet HTML 5Page - Intersil Corporation CA124 Datasheet HTML 6Page - Intersil Corporation CA124 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
FIGURE 6. LARGE SIGNAL FREQUENCY RESPONSE
FIGURE 7. OUTPUT CURRENT vs AMBIENT TEMPERATURE
FIGURE 8. INPUT CURRENT vs SUPPLY VOLTAGE
FIGURE 9. VOLTAGE GAIN vs SUPPLY VOLTAGE
Typical Performance Curves
(Continued)
20
15
10
5
0
1K
10K
100K
1M
FREQUENCY (Hz)
TA =25
oC
1k
100k
+15V
2k
+7V
+
-
VI
2
3
4
VO
1
11
TEMPERATURE (oC)
-75
-50
-25
0
25
50
75
100
125
0
10
20
30
40
50
60
70
V+ = 15V
TA =25
oC
75
50
25
0
10
203040
POSITIVE SUPPLY VOLTAGE (V)
POSITIVE SUPPLY VOLTAGE (V)
0
1020
3040
0
25
50
75
100
125
150
TA =25
oC
RL =20kΩ
RL =2kΩ
CA124, CA224, CA324, LM324, LM2902


Similar Part No. - CA124

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA12400 CREE-CA12400 Datasheet
123Kb / 3P
Tina series
logo
Ledil, Inc.
CA12400 LEDIL-CA12400 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for Citizen CL-L400. Assembly with holder and installation tape.
CA12400 LEDIL-CA12400_18 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized for Citizen CL-L400. Assembly with holder and installation tape.
logo
Cree, Inc
CA12401 CREE-CA12401 Datasheet
66Kb / 2P
Tina series
logo
Ledil, Inc.
CA12401 LEDIL-CA12401 Datasheet
3Mb / 4P
~30째 medium beam optimized for Citizen CL-L400. Assembly with holder and installation tape.
More results

Similar Description - CA124

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
CA741 INTERSIL-CA741 Datasheet
72Kb / 6P
0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
September 1998
logo
Harris Corporation
CA2904 HARRIS-CA2904 Datasheet
400Kb / 7P
DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
logo
Intersil Corporation
CA741 INTERSIL-CA741_01 Datasheet
144Kb / 6P
0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
CA139 INTERSIL-CA139_01 Datasheet
152Kb / 6P
Quad Voltage Comparators for Industrial, Commercial and Military Applications
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
logo
Harris Corporation
CA741C HARRIS-CA741C Datasheet
421Kb / 6P
HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
For Industrial and Military Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com