Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB-AV107-R Datasheet(PDF) 2 Page - Assmann Electronics Inc.

Part # AB-AV107-R
Description  plastic housing, M/F, black
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AB-AV107-R Datasheet(HTML) 2 Page - Assmann Electronics Inc.

  AB-AV107-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 1 page
background image
 Datasheet - Page 1
Audio adapter, mono
EAN: 4016032110163
AB-AV 107
plastic housing, M/F, black
l
3.5mm mono plug <=> 6.3mm mono jack
l
Molded housing
l
Color: black
 Datasheet - Page 2
Audio adapter, mono
EAN: 4016032110163
AB-AV 107
Country of origin: China
Logistics
Number
(pcs)
Weight
(kg)
Depth
(cm)
Width
(cm)
Height
(cm)
cm
³
Packaging Unit Carton
100
6,50
24,00
37,00
18,00
15984,00
Packaging Unit Inside
1
0,07
0,00
0,00
0,00
0,00
Packaging Unit Single
1
0,07
0,00
0,00
0,00
0,00
Net single without Packaging
1
0,00
0,00
0,00
0,00
0,00
www.assmann.com
2 / 2



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com