Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F6451MLFD Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # R5F6451MLFD
Description  RENESAS MCU
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6451MLFD Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button R5F6451MLFD Datasheet HTML 114Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 115Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 116Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 117Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 118Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 119Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 120Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 121Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 122Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 119 / 122 page
background image
A- 3
Chapter 5. Electrical Characteristics
—
• Changed expression “clock period” to “clock cycle time”
88
• Changed typical and maximum values for “fSO(PLL)” in Table 5.13;
Added values for “|
fLOCK|” and “|fUNLOCK|”
90
• Changed expressions “
CS0” and “A23 to A0, BC3 to BC0” in Figure
5.5
to “Chip select” and “Address”, respectively
Appendix 1. Package Dimensions
116
• Added a seating plane to the drawing of package dimension
1.20
Aug 07, 2013
—
Fourth edition released
This manual in general
—
• Changed document number “REJ03B0230-0110” to
“R01DS0072EJ0120”
Chapter 1. Overview
—
• Modified wording and enhanced description in this chapter
1
• Modified expression “I2C” in line 9 of 1.1 to “I2C-bus interface”
2
• Modified expressions “Main clock oscillator stop/re-oscillation
detection”, “calculation transfer”, “chained transfer”, and “inputs/
outputs” in Table 1.1 to “Main clock oscillator stop/restart detection”,
“calculation result transfer”, “chain transfer”, and “I/O ports”,
respectively
8, 10
• Changed the order of timer pins for pin no. 36 in Table 1.4 and pin nos.
79 and 81 in Table 1.6
13
• Modified expression “I2C bus” in Table 1.9 to “I2C-bus”
Chapter 2. CPU
—
• Modified wording and enhanced description in this chapter
16
• Corrected a typo “R3R0” in line 3 of 2.1.1 to “R3R1”
Chapter 3. Memory
—
• Modified wording and enhanced description in this chapter
Chapter 4. SFRs
25, 26,
28, 31
• Changed hexadecimal format of reset values for registers GiBCR0 in
Tables 4.6, 4.7, 4.9 and 4.12
to binary
34
• Changed register name “Increment/Decrement Counting Select
Register” in Table 4.15 to “Increment/Decrement Select Register”
47
• Added the missing address “044E40h” to Table 4.28
61, 62,
75, 76
• Changed register name “CANi Acceptance Mask Register k” in Tables
4.42, 4.43, 4.56, and 4.57
to “CANi Mask Register k”
64, 78
• Corrected reset value “XXXX XX00b” for CiMSMR register in Tables
4.45 and 4.59
to “0000 0000b”
Chapter 5. Electrical Characteristics
—
• Modified wording and enhanced description in this chapter
86, 87
• Changed expression “Programming and erasure endurance of flash
memory” in Tables 5.8 and 5.9 to “Program/erase cycles”; Changed
its unit “times” to “Cycles”
Revision History
R32C/151 Group Datasheet
Rev.
Date
Description
Page
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com