Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1S1555 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # 1S1555
Description  SWITCHING DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1S1555 Datasheet(HTML) 3 Page - Leshan Radio Company

  1S1555 Datasheet HTML 1Page - Leshan Radio Company 1S1555 Datasheet HTML 2Page - Leshan Radio Company 1S1555 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
7B–3/3
1SS110
1SS265
35
35
2.
BAND SWITCHING DIODES
TYPE
V RM (V)
I F (mA)
I O (mA)
P (mW)
T j (°C)
T stg(°C)
Package
100
100
150
150
125
125
-55~+125
-55~+125
DO - 34
ABSOLUTE MAXIMUM RATINGS
TYPE
V
FMAX(v)
@I
F=10mA
1.0
@I F=10mA
1.0
ELECTRICAL CHARACTERISTICS
C t (pF) max
R f (
Ω)
max
@ V
R=25V
0.1
@ V
R=20V
0.1
@ V
R=0 f =1MHz
1.2
@ V
R=0 f =1MHz
1.5
IRMax (
µA)
V
(BR)R(v) Min
@I
R=10 µA
35
I F =2mA
f =100MHz
0.9
I F =10mA
f =100MHz
0.6
1SS110
1SS265
L S(nH)
@ f =250MHz
3
DO – 34
(mm)
Φ1.8 ± 0.02
29 ± 1
2.7 ± 0.3
29 ± 1
Φ0.4 ± 0.1


Similar Part No. - 1S1555

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1S1555 TOSHIBA-1S1555 Datasheet
74Kb / 2P
Silicon Epitaxial Planner Type Diode
logo
Galaxy Semi-Conductor H...
1S1555 BILIN-1S1555 Datasheet
54Kb / 1P
SMALL SIGNAL SWITCHING DIODE
logo
Shenzhen Luguang Electr...
1S1555 LUGUANG-1S1555 Datasheet
197Kb / 1P
Small Signal Switching Diodes
logo
SUNMATE electronic Co.,...
1S1555 SUNMATE-1S1555 Datasheet
133Kb / 1P
0.1A Axial Leaded Small Signal Switching Diode
More results

Similar Description - 1S1555

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA193 PANASONIC-MA193 Datasheet
99Kb / 4P
Switching Diodes
logo
Microsemi Corporation
1N4153UR-1 MICROSEMI-1N4153UR-1 Datasheet
37Kb / 2P
SWITCHING DIODES
1N6639 MICROSEMI-1N6639_1 Datasheet
46Kb / 2P
SWITCHING DIODES
logo
Micro Commercial Compon...
BAV300 MCC-BAV300 Datasheet
716Kb / 3P
Switching Diodes
logo
Shenzhen Jin Yu Semicon...
BAT54W HTSEMI-BAT54W Datasheet
328Kb / 2P
SWITCHING Diodes
logo
Rugao Dachang Electroni...
LL4148 DACHANG-LL4148 Datasheet
124Kb / 2P
Switching Diodes
logo
WILLAS ELECTRONIC CORP
1SS400 WILLAS-1SS400 Datasheet
514Kb / 2P
SWITCHING Diodes
logo
SHENZHEN YONGERJIA INDU...
BAS516 WINNERJOIN-BAS516 Datasheet
162Kb / 1P
Switching Diodes
logo
Guangdong Kexin Industr...
MMBD4148-3 KEXIN-MMBD4148-3 Datasheet
972Kb / 2P
Switching Diodes
MMBD7000-3 KEXIN-MMBD7000-3 Datasheet
810Kb / 2P
Switching Diodes
logo
AiT Semiconductor Inc.
DAN202U AITSEMI-DAN202U Datasheet
459Kb / 6P
SWITCHING DIODES DUAL SWITCHING DIODES
REV1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com