Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T-1000SMA Datasheet(PDF) 1 Page - Tyco Electronics

Part # T-1000SMA
Description  Two-Way Power Divider 10 - 1000 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

T-1000SMA Datasheet(HTML) 1 Page - Tyco Electronics

  T-1000SMA Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel. +85 2 2111 8088, Fax +85 2 2111 8087
s Europe: Tel. +44 (1344) 869 595, Fax +44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
6-49
Two-Way Power Divider
10 - 1000 MHz
T-1000
V2.00
Features
Broadband Frequency Range
Isolation – 25 dB Min
Insertion Loss – 0.8 dB Max
45˚
1.344
(34.1)
0.672
(17.1)
0.672
(17.1)
C'BORE 0.12 DIA x 0.14 DP,
4-40 UNC-3B x 0.20 DP
1.000 DIA
(25.4)
1.344
(34.1)
0.375
±0.020
(9.5
±0.5)
0.750
±0.020
(19.1
±0.5)
CONNECTOR
3 PLACES
Typical Performance
q
q
q
C-7
Dimensions in ( ) are in mm.
Unless Otherwise Noted: .xxx = ±0.010 (.xx = ±0.25)
.xx = ±0.02 (.x = ±0.5)
WEIGHT (APPROX.):
2.5 OUNCES
7 GRAMS
Guaranteed Specifications*
Ordering Information
Model No.
Package
T-1000
BNC
Connectorized
T-1000
TNC
Connectorized
T-1000
N
Connectorized
T-1000
SMA
Connectorized
Operating Characteristics
0
°
0
°
0
°
180
°
C
D
A
B
Z
o
Port "A" is
internally
terminated
Figure 1. 2 Way, In-Phase (0
°) Power
Divider/Summer, or ISO-T
MIL-STD-202 screening available.
*All specifications apply with 50 Ohm source and load impedance.
INSERTION LOSS
ISOLATION
VSWR
5
10
20 30 5070100 500 1000 1500
5
10
20 30 5070100 500 1000 1500
1.50
1.25
1.00
0.75
0.50
0.25
0
50
45
40
35
30
25
20
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
4.50
4.25
4.00
3.75
3.50
3.25
3.00
5
10
20 30 5070100 500 1000 1500
FREQUENCY MHz
PORTS B-C, B-D
PORTS
C-D
ALL
PORTS
C
D
B


Similar Part No. - T-1000SMA

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-1000 RHOMBUS-IND-T-1000 Datasheet
37Kb / 1P
   HDSL Application Pulse Transformer
logo
M/A-COM Technology Solu...
T-1000 MA-COM-T-1000 Datasheet
63Kb / 2P
   Two-Way Power Divider, 10 - 1000 MHz
T-1000 MA-COM-T-1000 Datasheet
63Kb / 2P
   Two-Way Power Divider
logo
Bourns Electronic Solut...
T-1000-ALX-SG BOURNS-T-1000-ALX-SG Datasheet
173Kb / 1P
   Sparctube Products
More results

Similar Description - T-1000SMA

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
T-1000 MA-COM-T-1000 Datasheet
63Kb / 2P
   Two-Way Power Divider, 10 - 1000 MHz
logo
Tyco Electronics
DS-332 MACOM-DS-332 Datasheet
117Kb / 2P
   Two-Way Power Divider 1000 - 2000 MHz
logo
M/A-COM Technology Solu...
H-81-4 MA-COM-H-81-4 Datasheet
67Kb / 2P
   180쨘 Two-Way Power Divider, 5 - 1000 MHz
logo
Tyco Electronics
H-81-4 MACOM-H-81-4 Datasheet
122Kb / 1P
   180 Two-Way Power Divider 5 - 1000 MHz
logo
M/A-COM Technology Solu...
DS-327 MA-COM-DS-327 Datasheet
49Kb / 2P
   Flatpack Two-Way Power Divider, 5 - 1000 MHz
logo
Tyco Electronics
DS-327 MACOM-DS-327 Datasheet
88Kb / 1P
   Flatpack Two-Way Power Divider 5 - 1000 MHz
DSS-313 MACOM-DSS-313 Datasheet
106Kb / 2P
   Two-Way Power Divider 10 - 2000 MHz
logo
M/A-COM Technology Solu...
DS-319 MA-COM-DS-319 Datasheet
76Kb / 3P
   Two-Way Power Divider, 10 - 500 MHz
DSS-313 MA-COM-DSS-313 Datasheet
73Kb / 3P
   Two-Way Power Divider, 10 - 2000 MHz
logo
Tyco Electronics
DS-109319 MACOM-DS-109319 Datasheet
80Kb / 2P
   Two-Way Power Divider 10 - 500 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com