Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C54-LPE/P Datasheet(PDF) 164 Page - Microchip Technology

Part # PIC16C54-LPE/P
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54-LPE/P Datasheet(HTML) 164 Page - Microchip Technology

Back Button PIC16C54-LPE/P Datasheet HTML 160Page - Microchip Technology PIC16C54-LPE/P Datasheet HTML 161Page - Microchip Technology PIC16C54-LPE/P Datasheet HTML 162Page - Microchip Technology PIC16C54-LPE/P Datasheet HTML 163Page - Microchip Technology PIC16C54-LPE/P Datasheet HTML 164Page - Microchip Technology PIC16C54-LPE/P Datasheet HTML 165Page - Microchip Technology PIC16C54-LPE/P Datasheet HTML 166Page - Microchip Technology PIC16C54-LPE/P Datasheet HTML 167Page - Microchip Technology PIC16C54-LPE/P Datasheet HTML 168Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 217 page
background image
PIC16C5X
PIC16C54A/CR57B/C58A/CR58A
DS30453B-page 164
Preliminary
© 1998 Microchip Technology Inc.
FIGURE 18-10: TYPICAL IDD vs. FREQUENCY (WDT DIS, RC MODE @ 20 PF, 25
°C)
FIGURE 18-11: MAXIMUM IDD vs. FREQUENCY (WDT DIS, RC MODE @ 20 PF, –40
°C TO +85°C)
(@
p
)
10
100
1000
10000
100000
1000000
10000000
Freq(Hz)
2.5V
3.0V
3.5V
4.0V
4.5V
5.0V
5.5V
6.0V
(@
p )
10
100
1000
10000
100000
1000000
10000000
Freq(Hz)
2.5V
3.0V
`
5.0V
5.5V
6.0V
3.5V
4.0V
4.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com