Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C925T-S/CL Datasheet(PDF) 101 Page - Microchip Technology

Part # PIC16C925T-S/CL
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/CL Datasheet(HTML) 101 Page - Microchip Technology

Back Button PIC16C925T-S/CL Datasheet HTML 97Page - Microchip Technology PIC16C925T-S/CL Datasheet HTML 98Page - Microchip Technology PIC16C925T-S/CL Datasheet HTML 99Page - Microchip Technology PIC16C925T-S/CL Datasheet HTML 100Page - Microchip Technology PIC16C925T-S/CL Datasheet HTML 101Page - Microchip Technology PIC16C925T-S/CL Datasheet HTML 102Page - Microchip Technology PIC16C925T-S/CL Datasheet HTML 103Page - Microchip Technology PIC16C925T-S/CL Datasheet HTML 104Page - Microchip Technology PIC16C925T-S/CL Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 182 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS39544A-page 99
PIC16C925/926
12.2
Oscillator Configurations
12.2.1
OSCILLATOR TYPES
The PIC16CXXX can be operated in four different oscil-
lator modes. The user can program two configuration
bits (FOSC1 and FOSC0) to select one of these four
modes:
• LP
Low Power Crystal
• XT
Crystal/Resonator
• HS
High Speed Crystal/Resonator
• RC
Resistor/Capacitor
12.2.2
CRYSTAL OSCILLATOR/CERAMIC
RESONATORS
In XT, LP, or HS modes a crystal or ceramic resonator
is connected to the OSC1/CLKIN and OSC2/CLKOUT
pins
to
establish
oscillation
(Figure 12-1).
The
PIC16CXXX oscillator design requires the use of a par-
allel cut crystal. Use of a series cut crystal may give a
frequency out of the crystal manufacturers specifica-
tions. When in XT, LP, or HS modes, the device can
have
an
external
clock
source
to
drive
the
OSC1/CLKIN pin (Figure 12-2).
FIGURE 12-1:
CRYSTAL/CERAMIC
RESONATOR OPERATION
(HS, XT OR LP
OSC CONFIGURATION)
FIGURE 12-2:
EXTERNAL CLOCK INPUT
OPERATION (HS, XT OR
LP OSC
CONFIGURATION)
TABLE 12-1:
CERAMIC RESONATORS
TABLE 12-2:
CAPACITOR SELECTION FOR
CRYSTAL OSCILLATOR
C1
C2
XTAL
OSC2
(Note 1)
OSC1
RF
SLEEP
To Internal
Logic
PIC16CXXX
RS
See Table 12-1 and Table 12-2 for recommended values
of C1 and C2.
Note 1:
A series resistor may be required for AT strip
cut crystals.
OSC1
OSC2
Open
Clock from
Ext. System
PIC16CXXX
Ranges Tested:
Mode
Freq.
C1
C2
XT
455 kHz
2.0 MHz
4.0 MHz
68 - 100 pF
15 - 68 pF
15 - 68 pF
68 - 100 pF
15 - 68 pF
15 - 68 pF
HS
8.0 MHz
10 - 68 pF
10 - 68 pF
These values are for design guidance only.
See notes following Table 12-2.
Osc Type
Crystal
Freq.
Cap. Range
C1
Cap.
Range
C2
LP
32 kHz
33 pF
33 pF
200 kHz
15 pF
15 pF
XT
200 kHz
47-68 pF
47-68 pF
1 MHz
15 pF
15 pF
4 MHz
15 pF
15 pF
HS
4 MHz
15 pF
15 pF
8 MHz
15-33 pF
15-33 pF
These values are for design guidance only.
See notes following this table.
Note 1: Recommended ranges of C1 and C2 are
depicted in Table 12-1.
2: Higher capacitance increases the stability
of the oscillator, but also increases the
start-up time.
3: Since each resonator/crystal has its own
characteristics, the user should consult
the resonator/crystal manufacturer for
appropriate values of external compo-
nents.
4: Rs may be required in HS mode, as well
as XT mode, to avoid overdriving crystals
with low drive level specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com