Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C925T-S/CL Datasheet(PDF) 119 Page - Microchip Technology

Part # PIC16C925T-S/CL
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925T-S/CL Datasheet(HTML) 119 Page - Microchip Technology

Back Button PIC16C925T-S/CL Datasheet HTML 115Page - Microchip Technology PIC16C925T-S/CL Datasheet HTML 116Page - Microchip Technology PIC16C925T-S/CL Datasheet HTML 117Page - Microchip Technology PIC16C925T-S/CL Datasheet HTML 118Page - Microchip Technology PIC16C925T-S/CL Datasheet HTML 119Page - Microchip Technology PIC16C925T-S/CL Datasheet HTML 120Page - Microchip Technology PIC16C925T-S/CL Datasheet HTML 121Page - Microchip Technology PIC16C925T-S/CL Datasheet HTML 122Page - Microchip Technology PIC16C925T-S/CL Datasheet HTML 123Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 182 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS39544A-page 117
PIC16C925/926
BCF
Bit Clear f
Syntax:
[ label ] BCF
f [,b]
Operands:
0
≤ f ≤ 127
0
≤ b ≤ 7
Operation:
0
→ (f<b>)
Status Affected:
None
Encoding:
01
00bb
bfff
ffff
Description:
Bit ’b’ in register ’f’ is cleared.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register
’f’
Process
data
Write
register ’f’
Example
BCF
FLAG_REG, 7
Before Instruction:
FLAG_REG =
0xC7
After Instruction:
FLAG_REG =
0x47
BSF
Bit Set f
Syntax:
[ label ] BSF
f [,b]
Operands:
0
≤ f ≤ 127
0
≤ b ≤ 7
Operation:
1
→ (f<b>)
Status Affected:
None
Encoding:
01
01bb
bfff
ffff
Description:
Bit ’b’ in register ’f’ is set.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register
’f’
Process
data
Write
register ’f’
Example
BSF
FLAG_REG,
7
Before Instruction:
FLAG_REG
=
0x0A
After Instruction:
FLAG_REG
=
0x8A
BTFSC
Bit Test, Skip if Clear
Syntax:
[ label ] BTFSC f [,b]
Operands:
0
≤ f ≤ 127
0
≤ b ≤ 7
Operation:
skip if (f<b>) = 0
Status Affected:
None
Encoding:
01
10bb
bfff
ffff
Description:
If bit ’b’ in register ’f’ is ’1’, then the
next instruction is executed.
If bit ’b’ in register ’f’ is ’0’, then the
next instruction is discarded, and a
NOP
is executed instead, making this a
2TCY instruction.
Words:
1
Cycles:
1(2)
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ’f’
Process
data
No
Operation
If Skip:
(2nd Cycle)
Q1
Q2
Q3
Q4
No
Operation
No
Operation
No
Operation
No
Operation
Example
HERE
FALSE
TRUE
BTFSC
GOTO
•
•
•
FLAG,1
PROCESS_CODE
Before Instruction:
PC
=
address HERE
After Instruction:
if FLAG<1> =
0,
PC
=
address TRUE
if FLAG<1> =
1,
PC
=
address FALSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com