Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC876 Datasheet(PDF) 201 Page - Microchip Technology

Part # PIC876
Description  28/40-pin 8-Bit CMOS FLASH Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC876 Datasheet(HTML) 201 Page - Microchip Technology

Back Button PIC876 Datasheet HTML 197Page - Microchip Technology PIC876 Datasheet HTML 198Page - Microchip Technology PIC876 Datasheet HTML 199Page - Microchip Technology PIC876 Datasheet HTML 200Page - Microchip Technology PIC876 Datasheet HTML 201Page - Microchip Technology PIC876 Datasheet HTML 202Page - Microchip Technology PIC876 Datasheet HTML 203Page - Microchip Technology PIC876 Datasheet HTML 204Page - Microchip Technology PIC876 Datasheet HTML 205Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 218 page
background image
 2001 Microchip Technology Inc.
DS30292C-page 199
PIC16F87X
INDEX
A
A/D ................................................................................... 111
Acquisition Requirements ........................................ 114
ADCON0 Register .................................................... 111
ADCON1 Register .................................................... 112
ADIF bit .................................................................... 112
Analog Input Model Block Diagram .......................... 114
Analog Port Pins ....................................... 7, 8, 9, 36, 38
Associated Registers and Bits ................................. 117
Block Diagram .......................................................... 113
Calculating Acquisition Time .................................... 114
Configuring Analog Port Pins ................................... 115
Configuring the Interrupt .......................................... 113
Configuring the Module ............................................ 113
Conversion Clock ..................................................... 115
Conversions ............................................................. 116
Delays ...................................................................... 114
Effects of a RESET .................................................. 117
GO/DONE bit ........................................................... 112
Internal Sampling Switch (Rss) Impedence ............. 114
Operation During SLEEP ......................................... 117
Result Registers ....................................................... 116
Sampling Requirements ........................................... 114
Source Impedence ................................................... 114
Time Delays ............................................................. 114
Absolute Maximum Ratings ............................................. 149
ACK .................................................................................... 74
Acknowledge Data bit ........................................................ 68
Acknowledge Pulse ............................................................ 74
Acknowledge Sequence Enable bit .................................... 68
Acknowledge Status bit ...................................................... 68
ADRES Register ........................................................ 15, 111
Analog Port Pins. See A/D
Analog-to-Digital Converter. See A/D
Application Notes
AN552 (Implementing Wake-up on Key Strokes
Using PIC16CXXX) .................................... 31
AN556 (Implementing a Table Read) ........................ 26
AN578 (Use of the SSP Module in the I2C
Multi-Master Environment) ......................... 73
Architecture
PIC16F873/PIC16F876 Block Diagram ....................... 5
PIC16F874/PIC16F877 Block Diagram ....................... 6
Assembler
MPASM Assembler .................................................. 143
B
Banking, Data Memory ................................................. 12, 18
Baud Rate Generator ......................................................... 79
BCLIF ................................................................................. 24
BF ............................................................................74, 82, 84
Block Diagrams
A/D ........................................................................... 113
A/D Converter .......................................................... 113
Analog Input Model .................................................. 114
Baud Rate Generator ................................................. 79
Capture Mode ............................................................ 59
Compare Mode .......................................................... 60
I2C Master Mode ........................................................ 78
I2C Module ................................................................. 73
I2C Slave Mode .......................................................... 73
Interrupt Logic .......................................................... 129
PIC16F873/PIC16F876 ................................................ 5
PIC16F874/PIC16F877 ............................................... 6
PORTA
RA3:RA0 and RA5 Pins ..................................... 29
RA4/T0CKI Pin .................................................. 29
PORTB
RB3:RB0 Port Pins ............................................ 31
RB7:RB4 Port Pins ............................................ 31
PORTC
Peripheral Output Override (RC 0:2, 5:7) .......... 33
Peripheral Output Override (RC 3:4) ................. 33
PORTD ...................................................................... 35
PORTD and PORTE (Parallel Slave Port) ................. 38
PORTE ...................................................................... 36
PWM Mode ................................................................ 61
RESET Circuit .......................................................... 123
SSP (I2C Mode) ......................................................... 73
SSP (SPI Mode) ........................................................ 69
Timer0/WDT Prescaler .............................................. 47
Timer1 ....................................................................... 52
Timer2 ....................................................................... 55
USART Asynchronous Receive ............................... 101
USART Asynchronous Receive (9-bit Mode) .......... 103
USART Transmit ........................................................ 99
Watchdog Timer ...................................................... 131
BOR. See Brown-out Reset
BRG ................................................................................... 79
BRGH bit ............................................................................ 97
Brown-out Reset (BOR) ............................ 119, 123, 125, 126
BOR Status (BOR Bit) ............................................... 25
Buffer Full bit, BF ............................................................... 74
Bus Arbitration ................................................................... 89
Bus Collision Section ......................................................... 89
Bus Collision During a Repeated START Condition .......... 92
Bus Collision During a START Condition .......................... 90
Bus Collision During a STOP Condition ............................ 93
Bus Collision Interrupt Flag bit, BCLIF ............................... 24
C
Capture/Compare/PWM (CCP) ......................................... 57
Associated Registers
Capture, Compare and Timer1 .......................... 62
PWM and Timer2 ............................................... 63
Capture Mode ............................................................ 59
Block Diagram ................................................... 59
CCP1CON Register ........................................... 58
CCP1IF .............................................................. 59
Prescaler ........................................................... 59
CCP Timer Resources ............................................... 57
CCP1
RC2/CCP1 Pin ..................................................7, 9
CCP2
RC1/T1OSI/CCP2 Pin ......................................7, 9
Compare
Special Trigger Output of CCP1 ........................ 60
Special Trigger Output of CCP2 ........................ 60
Compare Mode .......................................................... 60
Block Diagram ................................................... 60
Software Interrupt Mode .................................... 60
Special Event Trigger ........................................ 60
Interaction of Two CCP Modules (table) .................... 57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com