Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C54-LPE/SS Datasheet(PDF) 118 Page - Microchip Technology

Part # PIC16C54-LPE/SS
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54-LPE/SS Datasheet(HTML) 118 Page - Microchip Technology

Back Button PIC16C54-LPE/SS Datasheet HTML 114Page - Microchip Technology PIC16C54-LPE/SS Datasheet HTML 115Page - Microchip Technology PIC16C54-LPE/SS Datasheet HTML 116Page - Microchip Technology PIC16C54-LPE/SS Datasheet HTML 117Page - Microchip Technology PIC16C54-LPE/SS Datasheet HTML 118Page - Microchip Technology PIC16C54-LPE/SS Datasheet HTML 119Page - Microchip Technology PIC16C54-LPE/SS Datasheet HTML 120Page - Microchip Technology PIC16C54-LPE/SS Datasheet HTML 121Page - Microchip Technology PIC16C54-LPE/SS Datasheet HTML 122Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 217 page
background image
PIC16C5X
PIC16CR57B
DS30453B-page 118
Preliminary
© 1998 Microchip Technology Inc.
TABLE 15-1:
CROSS REFERENCE OF DEVICE SPECS FOR OSCILLATOR CONFIGURATIONS
AND FREQUENCIES OF OPERATION (COMMERCIAL DEVICES)
OSC
PIC16CR57B-04
PIC16CR57B-10
PIC16CR57B-20
PIC16LCR57B-04
RC
VDD: 3.0V to 6.25V
IDD:
2.5 mA max at 5.5V
IPD:
4.0
µA max at 3.0V,
WDT dis
Freq: 4.0 MHz max
N/A
N/A
N/A
XT
VDD: 3.0V to 6.25V
IDD:
2.5 mA max at 5.5V
IPD:
4.0
µA max at 3.0V,
WDT dis
Freq: 4.0 MHz max
N/A
N/A
N/A
HS
N/A
VDD: 4.5V to 5.5V
IDD:
10 mA max at 5.5V
IPD:
4.0
µA max at 3.0V,
WDT dis
Freq: 10 MHz max
VDD: 4.5V to 5.5V
IDD:
20 mA max at 5.5V
IPD:
4.0
µA max at 3.0V,
WDT dis
Freq: 20 MHz max
N/A
LP
N/A
N/A
N/A
VDD: 2.5V to 6.25V
IDD:
32
µA max at 32 kHz,
2.5V
IPD:
4.0
µA max at 2.5V,
WDT dis
Freq: 200 kHz max
The shaded sections indicate oscillator selections which should work by design, but are not tested. It is recommended
that the user select the device type from information in unshaded sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com