Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C44-08/P Datasheet(PDF) 117 Page - Microchip Technology

Part # PIC17C44-08/P
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44-08/P Datasheet(HTML) 117 Page - Microchip Technology

Back Button PIC17C44-08/P Datasheet HTML 113Page - Microchip Technology PIC17C44-08/P Datasheet HTML 114Page - Microchip Technology PIC17C44-08/P Datasheet HTML 115Page - Microchip Technology PIC17C44-08/P Datasheet HTML 116Page - Microchip Technology PIC17C44-08/P Datasheet HTML 117Page - Microchip Technology PIC17C44-08/P Datasheet HTML 118Page - Microchip Technology PIC17C44-08/P Datasheet HTML 119Page - Microchip Technology PIC17C44-08/P Datasheet HTML 120Page - Microchip Technology PIC17C44-08/P Datasheet HTML 121Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 117
PIC17C4X
CALL
Subroutine Call
Syntax:
[
label ] CALL k
Operands:
0
≤ k ≤ 4095
Operation:
PC+ 1
→ TOS, k → PC<12:0>,
k<12:8>
→ PCLATH<4:0>;
PC<15:13>
→ PCLATH<7:5>
Status Affected:
None
Encoding:
111k
kkkk
kkkk
kkkk
Description:
Subroutine call within 8K page. First,
return address (PC+1) is pushed onto
the stack. The 13-bit value is loaded into
PC bits<12:0>. Then the upper-eight
bits of the PC are copied into PCLATH.
Call
is a two-cycle instruction.
See LCALL for calls outside 8K memory
space.
Words:
1
Cycles:
2
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read literal
'k'<7:0>
Execute
NOP
Forced NOP
NOP
Execute
NOP
Example:
HERE
CALL
THERE
Before Instruction
PC =
Address(HERE)
After Instruction
PC =
Address(THERE)
TOS =
Address (HERE + 1)
CLRF
Clear f
Syntax:
[
label] CLRF
f,s
Operands:
0
≤ f ≤ 255
Operation:
00h
→ f, s ∈ [0,1]
00h
→ dest
Status Affected:
None
Encoding:
0010
100s
ffff
ffff
Description:
Clears the contents of the specified reg-
ister(s).
s = 0: Data memory location 'f' and
WREG are cleared.
s = 1: Data memory location 'f' is
cleared.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register 'f'
Execute
Write
register 'f'
and other
specified
register
Example:
CLRF
FLAG_REG
Before Instruction
FLAG_REG
=
0x5A
After Instruction
FLAG_REG
=
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com