Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C44-08/P Datasheet(PDF) 129 Page - Microchip Technology

Part # PIC17C44-08/P
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44-08/P Datasheet(HTML) 129 Page - Microchip Technology

Back Button PIC17C44-08/P Datasheet HTML 125Page - Microchip Technology PIC17C44-08/P Datasheet HTML 126Page - Microchip Technology PIC17C44-08/P Datasheet HTML 127Page - Microchip Technology PIC17C44-08/P Datasheet HTML 128Page - Microchip Technology PIC17C44-08/P Datasheet HTML 129Page - Microchip Technology PIC17C44-08/P Datasheet HTML 130Page - Microchip Technology PIC17C44-08/P Datasheet HTML 131Page - Microchip Technology PIC17C44-08/P Datasheet HTML 132Page - Microchip Technology PIC17C44-08/P Datasheet HTML 133Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 129
PIC17C4X
MULLW
Multiply Literal with WREG
Syntax:
[
label ]
MULLW
k
Operands:
0
≤ k ≤ 255
Operation:
(k x WREG)
→ PRODH:PRODL
Status Affected:
None
Encoding:
1011
1100
kkkk
kkkk
Description:
An unsigned multiplication is carried
out between the contents of WREG
and the 8-bit literal 'k'. The 16-bit
result is placed in PRODH:PRODL
register pair. PRODH contains the
high byte.
WREG is unchanged.
None of the status flags are affected.
Note that neither overflow nor carry
is possible in this operation. A zero
result is possible but not detected.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
literal 'k'
Execute
Write
registers
PRODH:
PRODL
Example:
MULLW
0xC4
Before Instruction
WREG
=
0xE2
PRODH
=
?
PRODL
=
?
After Instruction
WREG
=
0xC4
PRODH
=
0xAD
PRODL
=
0x08
Note:
This instruction is not available in the
PIC17C42 device.
MULWF
Multiply WREG with f
Syntax:
[
label ]
MULWF
f
Operands:
0
≤ f ≤ 255
Operation:
(WREG x f)
→ PRODH:PRODL
Status Affected:
None
Encoding:
0011
0100
ffff
ffff
Description:
An unsigned multiplication is carried
out between the contents of WREG
and the register file location 'f'. The
16-bit result is stored in the
PRODH:PRODL register pair.
PRODH contains the high byte.
Both WREG and 'f' are unchanged.
None of the status flags are affected.
Note that neither overflow nor carry
is possible in this operation. A zero
result is possible but not detected.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register 'f'
Execute
Write
registers
PRODH:
PRODL
Example:
MULWF
REG
Before Instruction
WREG
=
0xC4
REG
=
0xB5
PRODH
=
?
PRODL
=
?
After Instruction
WREG
=
0xC4
REG
=
0xB5
PRODH
=
0x8A
PRODL
=
0x94
Note:
This instruction is not available in the
PIC17C42 device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com